công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LVXT8053DR2G bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC74LVXT8053DR2G
Giải thích chi tiết về linh kiện  Analog Multiplexer/ Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT8053DR2G bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC74LVXT8053DR2G Datasheet HTML 1Page - ON Semiconductor MC74LVXT8053DR2G Datasheet HTML 2Page - ON Semiconductor MC74LVXT8053DR2G Datasheet HTML 3Page - ON Semiconductor MC74LVXT8053DR2G Datasheet HTML 4Page - ON Semiconductor MC74LVXT8053DR2G Datasheet HTML 5Page - ON Semiconductor MC74LVXT8053DR2G Datasheet HTML 6Page - ON Semiconductor MC74LVXT8053DR2G Datasheet HTML 7Page - ON Semiconductor MC74LVXT8053DR2G Datasheet HTML 8Page - ON Semiconductor MC74LVXT8053DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 6
1
Publication Order Number:
MC74LVXT8053/D
MC74LVXT8053
Analog Multiplexer/
Demultiplexer
High−Performance Silicon−Gate CMOS
The MC74LVXT8053 utilizes silicon−gate CMOS technology to
achieve fast propagation delays, low ON resistances, and low OFF
leakage currents. This analog multiplexer/demultiplexer controls
analog voltages that may vary across the complete power supply range
(from VCC to GND).
The LVXT8053 is similar in pinout to the high−speed HC4053A,
and the metal−gate MC14053B. The Channel−Select inputs determine
which one of the Analog Inputs/Outputs is to be connected by means
of an analog switch to the Common Output/Input. When the Enable
pin is HIGH, all analog switches are turned off.
The Channel−Select and Enable inputs are compatible with
TTL−type input thresholds. The input protection circuitry on this
device allows overvoltage tolerance on the input, allowing the device
to be used as a logic−level translator from 3.0 V CMOS logic to 5.0 V
CMOS Logic or from 1.8 V CMOS logic to 3.0 V CMOS Logic while
operating at the higher−voltage power supply.
The MC74LVXT8053 input structure provides protection when
voltages up to 7.0 V are applied, regardless of the supply voltage. This
allows the MC74LVXT8053 to be used to interface 5.0 V circuits to
3.0 V circuits.
This device has been designed so that the ON resistance (Ron) is
more linear over input voltage than Ron of metal−gate CMOS analog
switches.
Features
Fast Switching and Propagation Speeds
Low Crosstalk Between Switches
Diode Protection on All Inputs/Outputs
Analog Power Supply Range (VCC − GND) = 2.0 V to 6.0 V
Digital (Control) Power Supply Range (VCC − GND) = 2.0 V to 6.0V
Improved Linearity and Lower ON Resistance Than Metal−Gate
Counterparts
Low Noise
In Compliance With the Requirements of JEDEC Standard No. 7A
These Devices are Pb−Free and are RoHS Compliant
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAMS
TSSOP−16
DT SUFFIX
CASE 948F
SOIC−16
D SUFFIX
CASE 751B
LVXT8053G
AWLYWW
1
16
1
16
LVXT8053 = Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
LVXT
8053
ALYW
G
G
TSSOP−16
SOIC−16
PIN ASSIGNMENT
15
16
14
13
12
11
10
2
1
34567
VCC
9
8
Y
X
X1
X0
A
B
C
Y1
Y0
Z1
Z
Z0 Enable NC
GND


Số phần tương tự - MC74LVXT8053DR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LVXT8053DR2G ONSEMI-MC74LVXT8053DR2G Datasheet
160Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
More results

Mô tả tương tự - MC74LVXT8053DR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com