công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1881-CKA bảng dữ liệu(PDF) 3 Page - Gennum Corporation

tên linh kiện GS1881-CKA
Giải thích chi tiết về linh kiện  Monolithic Video Sync Separators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1881-CKA bảng dữ liệu(HTML) 3 Page - Gennum Corporation

  GS1881-CKA Datasheet HTML 1Page - Gennum Corporation GS1881-CKA Datasheet HTML 2Page - Gennum Corporation GS1881-CKA Datasheet HTML 3Page - Gennum Corporation GS1881-CKA Datasheet HTML 4Page - Gennum Corporation GS1881-CKA Datasheet HTML 5Page - Gennum Corporation GS1881-CKA Datasheet HTML 6Page - Gennum Corporation GS1881-CKA Datasheet HTML 7Page - Gennum Corporation GS1881-CKA Datasheet HTML 8Page - Gennum Corporation GS1881-CKA Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
520 - 23 - 03
Supply Voltage
4.5
5
13.2
V
Supply Current
Outputs at Logic 1
VCC = 5 V
-
4.6
6.5
mA
VCC = 12 V
-
5.0
7.0
mA
Video Input (Pin 2)
(a) Signal Level
VCC = 5 V
0.5
-
4
Vp-p
(b) Clamp Current
Charge
500
650
850
µA
Discharge - normal
9
11
13
µA
- Nosync flag raised
65
95
115
µA
(c) Delay to raising of Nosync flag
Video input held high
64
95
130
µs
(d) Sync Tip Clamp Voltage
-
1.55
-
V
Sync Slice Level
Relative to sync tip clamp voltage
70
77
84
mV
RSET Pin Reference Voltage (Pin 6)
See Note 1
1.14
1.24
1.34
V
Composite Sync Out (Pin 1)
See Note 2
40
60
80
ns
Delay from Video
CL = 15p
Back Porch Pulse Out (Pin 5)
CL = 15p
(a) Delay from Rising
Edge of Sync
400
500
650
ns
(b) Pulse Width
2.0
2.5
3.2
µs
(c) Occurence Rate
H
H
H
Vertical Sync Out (Pin 3)
(a) Pulse Width
Serrations during vertical interval
197.7
197.7
197.7
µs
(b) Default Starting Time
No serrations during the vertical interval
48
65
82
µs
Horizontal Scan Rate
Modified RSET
15
-
130
kHz
Logic Outputs
(a) VOH
IOH = 40 µA
VCC = 5 V
4.2
4.6
-
V
VCC = 12 V
11.2
11.6
-
V
IOH = 1.6 mA
VCC = 5 V
2.4
3.4
-
V
VCC = 12 V
9.4
10.4
-
V
(b) VOL
IOL = -1.6 mA
-
0.3
0.6
V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GS4881 ELECTRICAL CHARACTERISTICS
(V
CC
= 5 V, R
SET
= 680 k
Ω, T
A
= 25
° C, unless otherwise specified)
ORDERING INFORMATION
Part Number
Package Type
Temperature Range
GS4881 - CDA
8 PDIP
0
° to 70° C
GS4881 - CKA
8 SOIC
0
° to 70° C
GS4881 - CTA
8 TAPE
0
° to 70° C
GS4881 - IDA
8 PDIP
-25
° to 85° C
GS4881 - IKA
8 SOIC
-25
° to 85° C
GS4881 - ITA
8 TAPE
-25
° to 85° C
Note 1: When placing the R
SET
resistor and the 0.1
µF decoupling capacitor careful attention should be made to ensure that they are as close
as possible to pin 6. Care should also be taken to avoid parasitic capacitive coupling from any output pin (pins 1, 3, 5 and 7) to pin 6.
Note 2: Measured from slicing point of input falling edge to 50% point of composite sync falling edge.


Số phần tương tự - GS1881-CKA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1881 GENNUM-GS1881 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
More results

Mô tả tương tự - GS1881-CKA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
GS4882 GENNUM-GS4882 Datasheet
85Kb / 7P
   Video Sync Separators with 50% Sync Slicing
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com