công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7WBD383 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện 7WBD383
Giải thích chi tiết về linh kiện  Translating Bus Exchange Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7WBD383 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  7WBD383 Datasheet HTML 1Page - ON Semiconductor 7WBD383 Datasheet HTML 2Page - ON Semiconductor 7WBD383 Datasheet HTML 3Page - ON Semiconductor 7WBD383 Datasheet HTML 4Page - ON Semiconductor 7WBD383 Datasheet HTML 5Page - ON Semiconductor 7WBD383 Datasheet HTML 6Page - ON Semiconductor 7WBD383 Datasheet HTML 7Page - ON Semiconductor 7WBD383 Datasheet HTML 8Page - ON Semiconductor 7WBD383 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2014
October, 2014 − Rev. 2
1
Publication Order Number:
7WBD383/D
7WBD383
Translating Bus Exchange
Switch
The 7WBD383 is an advanced high−speed low−power translating
bus exchange switch in ultra−small footprints.
Features
High Speed: tPD = 0.25 ns (Max) @ VCC = 4.5 V
3 W Switch Connection Between 2 Ports
Power Down Protection Provided on Inputs
Zero Bounce
TTL−Compatible Control Inputs
Ultra−Small Pb−Free Packages
These are Pb−Free Devices
This document contains information on some products that are still under development.
ON Semiconductor reserves the right to change or discontinue these products without
notice.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
UDFN8
MU SUFFIX
CASE 517AJ
1
8
ALM
G
1
8
AJ M*
G
G
1
UQFN8
MU SUFFIX
CASE 523AN
US8
US SUFFIX
CASE 493
1
8
AG M*
G
G
(Note: Microdot may be in either location)
A
= Assembly Location
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb−Free Package
*Date Code orientation may vary depending
upon manufacturing location.
UDFN8
1.95 x 1.0
CASE 517CA
X M
1
D383
AYW
G
G
1
8
Micro8
]
DM SUFFIX
CASE 846A


Số phần tương tự - 7WBD383

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
7WBD383 ONSEMI-7WBD383 Datasheet
190Kb / 14P
   Translating Bus Exchange Switch
February, 2010 ??Rev. 0
7WBD383AMUTCG ONSEMI-7WBD383AMUTCG Datasheet
190Kb / 14P
   Translating Bus Exchange Switch
February, 2010 ??Rev. 0
7WBD383AMX1TCG ONSEMI-7WBD383AMX1TCG Datasheet
190Kb / 14P
   Translating Bus Exchange Switch
February, 2010 ??Rev. 0
7WBD383BMX1TCG ONSEMI-7WBD383BMX1TCG Datasheet
190Kb / 14P
   Translating Bus Exchange Switch
February, 2010 ??Rev. 0
7WBD383CMX1TCG ONSEMI-7WBD383CMX1TCG Datasheet
190Kb / 14P
   Translating Bus Exchange Switch
February, 2010 ??Rev. 0
More results

Mô tả tương tự - 7WBD383

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
7WBD383 ONSEMI-7WBD383 Datasheet
190Kb / 14P
   Translating Bus Exchange Switch
February, 2010 ??Rev. 0
7WB383 ONSEMI-7WB383 Datasheet
169Kb / 12P
   Bus Exchange Switch
April, 2010 ??Rev. 0
7WB383 ONSEMI-7WB383_14 Datasheet
89Kb / 10P
   Bus Exchange Switch
October, 2014 ??Rev. 1
logo
Fairchild Semiconductor
FST16209 FAIRCHILD-FST16209 Datasheet
134Kb / 5P
   18-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
   24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
   9-BIT BUS EXCHANGE SWITCH
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
   2-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163383 IDT-IDT74FST163383 Datasheet
93Kb / 6P
   20-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com