công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1843A-EP bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UC1843A-EP
Giải thích chi tiết về linh kiện  QML Class V, Current-Mode PWM Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1843A-EP bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button UC1843A-EP Datasheet HTML 6Page - Texas Instruments UC1843A-EP Datasheet HTML 7Page - Texas Instruments UC1843A-EP Datasheet HTML 8Page - Texas Instruments UC1843A-EP Datasheet HTML 9Page - Texas Instruments UC1843A-EP Datasheet HTML 10Page - Texas Instruments UC1843A-EP Datasheet HTML 11Page - Texas Instruments UC1843A-EP Datasheet HTML 12Page - Texas Instruments UC1843A-EP Datasheet HTML 13Page - Texas Instruments UC1843A-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
UC1842A-SP, UC1843A-SP, UC1844A-SP
SLUS872D – JANUARY 2009 – REVISED MAY 2015
www.ti.com
Feature Description (continued)
Figure 2. Two-Loop Current-Mode Control System
For converters in which inductor current is continuous, controlling peak current is nearly equivalent to controlling
average current. Therefore, when such converters employ current-mode control, the inductor can be treated as
an error-voltage-controlled-current-source for the purposes of small-signal analysis (see Figure 3). The two-pole
control-to-output frequency response of these converters is reduced to a single-pole (filter capacitor in parallel
with load) response. One result is that the error amplifier compensation can be designed to yield a stable closed-
loop converter response with greater gain bandwidth than would be possible with pulse-width control, giving the
supply improved small-signal dynamic response to changing loads. A second result is that the error amplifier
compensation circuit becomes simpler, as shown in Figure 4. Capacitor Ci and resistor Ri, in Figure 4(A), add a
low-frequency zero, which cancels one of the two control-to-output poles of non-current-mode converters. For
large signal load changes, in which converter response is limited by inductor slew rate, the error amplifier
saturates while the inductor is catching up with the load. During this time, Ci charges to an abnormal level. When
the inductor current reaches its required level, the voltage on Ci causes a corresponding error in supply output
voltage. The recovery time is RizCi, which may be long. However, the compensation network of Figure 4(B) can
be used where current-mode control has eliminated the inductor pole. Large-signal dynamic response is then
greatly improved due to the absence of Ci.
Current limiting is greatly simplified with current-mode control. Pulse-by-pulse limiting is, of course, inherent in
the control scheme. Furthermore, an upper limit on the peak current can be established by simply clamping the
error voltage. Accurate current limiting allows optimization of magnetic and power semiconductor elements while
ensuring reliable supply operation.
Finally, current-mode controlled power stages can be operated in parallel with equal current sharing. This opens
the possibility of a modular approach to power supply design.
10
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: UC1842A-SP UC1843A-SP UC1844A-SP


Số phần tương tự - UC1843A-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1843A-EP TI-UC1843A-EP Datasheet
425Kb / 11P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

Mô tả tương tự - UC1843A-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843-SP TI-UC1843-SP_15 Datasheet
283Kb / 13P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLER
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
[Old version datasheet]   QML CLASS V PRECISION TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com