công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UC1842A bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
UC1842A bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 31 page 7 5 4 2 1 3 8 7 6 5 V CC Gnd R T/CT V FB Comp C/S V REF 5.0 V 50 mA V C Output Pwr Ground PWM Latch 5-V REF S/R UVLO 34 V 2.5 V Osc Error Amplifier 2R R 1 V Current Sense Comparator Internal Bias V Good Logic REF S R Product Folder Sample & Buy Technical Documents Tools & Software Support & Community UC1842A-SP, UC1843A-SP, UC1844A-SP SLUS872D – JANUARY 2009 – REVISED MAY 2015 UC184xA-SP QML Class V, Current-Mode PWM Controller 1 Features 2 Applications 1 • QML Class V (QMLV) Qualified, SMD 5962-86704 • DC-DC Converters • Rad-Tolerant: 30 kRad (Si) TID (1) (2) • Supports Various Topologies: • Optimized for Offline and DC-to-DC Converters – Flyback, Forward, Buck, Boost • Low Start-Up Current (<0.5 mA) – Push-Pull, Half-Bridge, Full Bridge With External Interface Circuit • Trimmed Oscillator Discharge Current • Available in Military Temperature Range (–55°C to • Automatic Feed Forward Compensation 125°C) • Pulse-by-Pulse Current Limiting • Enhanced Load Response Characteristics 3 Description • Undervoltage Lockout (UVLO) With Hysteresis The UC184xA family of control ICs is a pin-for-pin • Double-Pulse Suppression compatible improved version of the UC184x family. Providing the necessary features to control current- • High-Current Totem-Pole Output mode switched-mode power supplies, this device has • Internally-Trimmed Bandgap Reference the following improved features. Start up current is • 500-kHz Operation specified to be less than 0.5 mA. Oscillator discharge is trimmed to 8.3 mA. During UVLO, the output stage • Low RO Error Amplifier can sink at least 10 mA at less than 1.2 V for VCC over 5 V. The Device Comparison Table shows the difference between members of this family. Reference the individual product data sheets for ordering the radiation-improved version if available. Device Information(1) PART NUMBER PACKAGE BODY SIZE (NOM) (1) The LDR improved die is only available in the UC1843A-SP UC1842A-SP CDIP (8) 6.67 mm × 9.60 mm (orderable as 5962-8670409VPA). Contact factory to request UC1843A-SP an LDR-improved version of the UC1842A-SP or UC1844A- LCCC (20) 8.89 mm × 8.89 mm UC1844A-SP SP. (2) Radiation tolerance is a typical value based upon initial device (1) For all available packages, see the orderable addendum at qualification with dose rate = 10 mrad/s. Radiation lot the end of the data sheet. acceptance testing is available - contact factory for details. 4 Simplified Schematic 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Số phần tương tự - UC1842A |
|
Mô tả tương tự - UC1842A |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |