công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1842A bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện UC1842A
Giải thích chi tiết về linh kiện  QML Class V, Current-Mode PWM Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1842A bảng dữ liệu(HTML) 5 Page - Texas Instruments

  UC1842A Datasheet HTML 1Page - Texas Instruments UC1842A Datasheet HTML 2Page - Texas Instruments UC1842A Datasheet HTML 3Page - Texas Instruments UC1842A Datasheet HTML 4Page - Texas Instruments UC1842A Datasheet HTML 5Page - Texas Instruments UC1842A Datasheet HTML 6Page - Texas Instruments UC1842A Datasheet HTML 7Page - Texas Instruments UC1842A Datasheet HTML 8Page - Texas Instruments UC1842A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
UC1842A-SP, UC1843A-SP, UC1844A-SP
www.ti.com
SLUS872D – JANUARY 2009 – REVISED MAY 2015
8.5 Electrical Characteristics
VCC = 15 V
(1), R
T = 10 kΩ, CT = 3.3 nF, TA = TJ = –55°C to 125°C (unless otherwise noted)
(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
Output voltage
TJ = 25°C, IO = 1 mA
4.95
5
5.06
V
Line regulation
VIN = 12 to 25 V
6
20
mV
Load regulation
IO = 1 to 20 mA
6
25
mV
Temperature stability(3) (4)
0.2
0.4
mV/°C
Total output variation(3)
Over line, load, and temperature
4.9
5.1
V
Output noise voltage
10 Hz
≤ ƒ ≤ 10 kHz, TJ = 25°C
50
μV
Long-term stability
1000 hours, TA = 125°C
(3)
5
25
mV
Short-circuit output current
–30
–100
–180
mA
OSCILLATOR
Initial accuracy
TJ = 25°C
(5)
47
52
57
kHz
Voltage stability
VCC = 12 to 25 V
0.2%
1%
Temperature stability
TA = MIN to MAX
(3)
5%
Amplitude peak-to-peak
V pin 4(3)
1.7
V
TJ = 25°C
7.8
8.3
8.8
Discharge current
V pin 4 = 2 V(6)
mA
TJ = Full range
7.5
8.8
ERROR AMPLIFIER
Input voltage
VComp = 2.5 V
2.45
2.50
2.55
V
Input bias current
–0.3
–1
μA
Open-loop voltage gain
VO = 2 to 4 V
65
90
dB
Unity-gain bandwidth
TJ = 25°C
(3)
0.7
1
MHz
PSRR
VCC = 12 to 25 V
60
70
dB
Output sink current
VFB = 2.7 V, VComp = 1.1 V
2
6
mA
Output source current
VFB = 2.3 V, VComp = 5 V
–0.5
–0.8
mA
High-level output voltage
VFB = 2.3 V, RL = 15 kΩ to ground
5
6
V
Low-level output voltage
VFB = 2.7 V, RL = 15 kΩ to VREF
0.7
1.1
V
CURRENT SENSE
Gain(7) (8)
2.85
3
3.15
V/V
Maximum input signal
VComp = 5 V
(7)
0.9
1
1.1
V
PSRR
VCC = 12 to 25 V
(7)
70
dB
Input bias current
–2
–10
μA
Delay to output
VISENSE = 0 to 2 V
(3)
150
300
ns
OUTPUT
ISINK = 20 mA
0.1
0.4
V
Output low-level voltage
ISINK = 200 mA
1.5
2.2
V
ISOURCE = –20 mA
13
13.5
V
Output high-level voltage
ISOURCE = –200 mA
12
13.5
V
(1)
Adjust VCC above the start threshold before setting at 15 V.
(2)
Electrical table applicable to 5962-8670405, 5962-8670406, and 5962-8670407 device types
(3)
Parameters ensured by design and/or characterization, if not production tested.
(4)
Temperature stability, sometimes referred to as average temperature coefficient, is described by the equation:
Temperature Stability = VREF (max) – VREF (min) / TJ (max) – TJ (min). VREF (max) and VREF (min) are the maximum and minimum
reference voltage measured over the appropriate temperature range. Note that the extremes in voltage do not necessarily occur at the
extremes in temperature.
(5)
Output frequency equals oscillator frequency for the UC1842A and UC1843A. Output frequency is one-half oscillator frequency for
UC1844A.
(6)
This parameter is measured with RT = 10 kΩ to VREF. This contributes approximately 300 μA of current to the measurement. The total
current flowing into the RT or CT pin will be approximately 300 μA higher than the measured value.
(7)
Parameter measured at trip point of latch with VFB = 0 V.
(8)
Gain defined as: G =
ΔVComp / ΔVISENSE; VISENSE = 0 to 0.8 V.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UC1842A-SP UC1843A-SP UC1844A-SP


Số phần tương tự - UC1842A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1842A TI-UC1842A Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
logo
Microsemi Corporation
UC1842A MICROSEMI-UC1842A Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1842A TI-UC1842A Datasheet
425Kb / 11P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
UC1842A TI-UC1842A Datasheet
517Kb / 7P
[Old version datasheet]   Current Mode PWM Controller
UC1842A TI1-UC1842A Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
More results

Mô tả tương tự - UC1842A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843-SP TI-UC1843-SP_15 Datasheet
283Kb / 13P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLER
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
[Old version datasheet]   QML CLASS V PRECISION TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com