công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5170QPHPRQ1 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM5170QPHPRQ1
Giải thích chi tiết về linh kiện  Multiphase Bidirectional Current Controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5170QPHPRQ1 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM5170QPHPRQ1 Datasheet HTML 6Page - Texas Instruments LM5170QPHPRQ1 Datasheet HTML 7Page - Texas Instruments LM5170QPHPRQ1 Datasheet HTML 8Page - Texas Instruments LM5170QPHPRQ1 Datasheet HTML 9Page - Texas Instruments LM5170QPHPRQ1 Datasheet HTML 10Page - Texas Instruments LM5170QPHPRQ1 Datasheet HTML 11Page - Texas Instruments LM5170QPHPRQ1 Datasheet HTML 12Page - Texas Instruments LM5170QPHPRQ1 Datasheet HTML 13Page - Texas Instruments LM5170QPHPRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
10
LM5170-Q1
SNVSAQ6 – NOVEMBER 2016
www.ti.com
Product Folder Links: LM5170-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
FOSC = 100 kHz; VVCC = 10 V; VVIN = VHV-Port = 48 V and VLV-Port = 12 V, unless otherwise stated.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
INTERLEAVE PHASE DELAY FROM CH-2 To CH-1 (OPT)
VOPTL
OPT input low state
1
V
VOPTH
OPT input high state
2
V
HO2 on-time rising edge versus HO1 on-time
rising edge, or LO2 on-time rising edge versus
LO1 on-time rising edge
VOPT > 2 V for 2, 4, 6, and 8 phases
175
180
185
Degrees
VOPT < 1 V for 3 phases
235
240
245
Internal pulldown impedance
1
DEAD TIME (DT)
tDT
LO falling edge to HO rising edge delay
RDT = 7.5 kΩ
40
ns
tDT
HO falling edge to LO rising edge delay
RDT = 7.5 kΩ
40
ns
VDT
DC voltage level for programming
1.25
V
VDT
DC voltage for adaptive dead time scheme only
(short DT to VCCA)
VCCA
V
VADPT
HO-SW or LO-GND voltage threshold to enable
cross output for adaptive dead time scheme
VVCC > 9 V, (VHB – VSW) > 8 V, HO or
LO voltage falling
1.5
V
tADPT
LO falling edge to HO rising edge delay
VDT = VVCC
36
ns
tADPT
HO falling edge to LO rising edge delay
VDT = VVCC
41
ns
SOFT START (SS)
ISS
SS charging current source
VSS = 0 V
25
µA
VSS-OFFS
SS to PWM comparator offset
SS – PWM comparator noninverting
input
1
V
RSS
SS discharge device RDS(on)
VSS = 2 V
30
VSS_LOW
SS discharge completion threshold
Once it is discharged by internal logic
0.23
V
DIODE EMULATION
Current zero cross threshold
Current sense voltage
0
mV
CKT BREAKER CONTROL (BRKG, BRKS)
IBRKG
Sourcing current
nFAULT = 5 v, VVIN = 24 V, VBRKS = 12
V
275
330
375
µA
VBRK-CLP
Voltage clamp
nFAULT= 5 V, VVIN = 48 V, VBRKS = 12
V
9
14
V
RBRK-SINK
Sinking capability
nFAULT = 0 V
20
VREADY
BRKG to BRKS voltage threshold to indicate
readiness for operation
Rising edge
6.5
8.5
V
IBRKG-LEAK
BRKG leakage current
nFAULT= 5 V, VVIN – VBRKS = 0 V,
VBRKG – VBRKS = 10 V
10
µA
FAULT ALARM (nFAULT)
In normal operation, no fault
4
5
V
Internal pull-up impedance for normal operation
30
k
Internal pull-down FET RDS(on) after fault
detected
125
External pull-down voltage threshold for IC
shutdown
1
V
tFAULT
External pul-ldown glitch filter
2
µs
td1_FAULT
Delay time of nFAULT pull-down below 1 V to
(VBRKG – VBRKS) < 1.5 V
5
µs
td2_FAULT
Start-up fault detection duration
VUVLO > 2.6 V, VVCC > 9 V
3
ms
THERMAL SHUTDOWN
TSD
Thermal shutdown
175
ºC
TSD-HYS
Thermal shutdown hysteresis
25
ºC


Số phần tương tự - LM5170QPHPRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5170 TI1-LM5170 Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
LM5170-Q1 TI1-LM5170-Q1 Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
LM5170PHPR TI1-LM5170PHPR Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
LM5170PHPT TI1-LM5170PHPT Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
More results

Mô tả tương tự - LM5170QPHPRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5170 TI1-LM5170 Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
logo
Texas Instruments
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
EMB1499Q TI1-EMB1499Q Datasheet
908Kb / 24P
[Old version datasheet]   EMB1499Q Bidirectional Current DC-DC Controller
EMB1499Q TI1-EMB1499Q Datasheet
908Kb / 24P
[Old version datasheet]   EMB1499Q Bidirectional Current DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com