công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5170QPHPRQ1 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM5170QPHPRQ1
Giải thích chi tiết về linh kiện  Multiphase Bidirectional Current Controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5170QPHPRQ1 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM5170QPHPRQ1 Datasheet HTML 1Page - Texas Instruments LM5170QPHPRQ1 Datasheet HTML 2Page - Texas Instruments LM5170QPHPRQ1 Datasheet HTML 3Page - Texas Instruments LM5170QPHPRQ1 Datasheet HTML 4Page - Texas Instruments LM5170QPHPRQ1 Datasheet HTML 5Page - Texas Instruments LM5170QPHPRQ1 Datasheet HTML 6Page - Texas Instruments LM5170QPHPRQ1 Datasheet HTML 7Page - Texas Instruments LM5170QPHPRQ1 Datasheet HTML 8Page - Texas Instruments LM5170QPHPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
5
LM5170-Q1
www.ti.com
SNVSAQ6 – NOVEMBER 2016
Product Folder Links: LM5170-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
NO.
NAME
33
BRKS
O
Connect to the common source of the circuit breaker MOSFET pair. When the circuit breaker function is
disabled, simply connect to AGND through a 20-kΩ resistor.
34
BRKG
O
Connect to the gate pins of the circuit breaker MOSFET pair. Once the LM5170-Q1 is enabled, an internal 330-
µA current source starts to charge the circuit breaker MOSFET gates. The BRKG to BRKS voltage is internally
clamped at 12 V.
35
CSB1
I
CH-1 differential current sense inputs. The CSA1 pin connects to the CH-1 power inductor. The CSB1 pin
connects to the circuit breaker, or directly to the LV-Port if the circuit breaker is not used. The CH-1 current
sense resistor is placed between these two current sense pins. An internal 1-M
Ω resistor is connected between
the CSB1 and OVPB pins through an internal cutoff switch. During operation, the cutoff switch is closed and this
internal resistor pulls up the OVPB pins. In shutdown mode, the internal resistor is disconnected by the cutoff
switch.
36
CSA1
I
37
IOUT1
O
CH-1 inductor current monitor pin. A current source proportional to the CH-1 inductor current flows out of this
pin. Placing a terminating resistor and filter capacitor from IOUT1 to AGND produces a DC voltage representing
the CH-1 DC current level. An internal 25-µA offset DC current source at the IOUT1 pin raises the active signal
to be above the ground noise, thus improving the monitor noise immunity.
38
IOUT2
O
CH-2 inductor current monitor pin. A current proportional to the CH-2 inductor current flows out of this pin.
Placing a terminating resistor and filter capacitor from IOUT2 to AGND produces a DC voltage representing the
CH-2 DC current level. An internal 25-µA offset DC current source at the IOUT2 pin raises the active signal
above the ground noise, thus improving the monitor noise immunity.
39
EN1
I
CH-1 enable pin. Pulling EN1 above 2.4 V turns off the SS pulldown and allows CH-1 to begin a soft-start
sequence. Pulling EN1 below 1 V discharges the SS capacitor and holds it low. The high- and low-side gate
drivers of both channels are held in the low state when SS is discharged.
40
SYNCIN
I
Input for an external clock that overrides the free-running internal oscillator. The SYNCIN pin can be left open or
grounded when it is not used.
41
SYNCOUT
O
Clock output pin and fault check mode selector. SYNCOUT is connected to the downstream LM5170-Q1 in a 3-
or 4-phase configuration. It also functions as a circuit breaker selection pin during start-up. Placing a 10-k
resistor from the SYNCOUT to AGND pins disables the fault check. feature. If no resistor is connected from
SYNCOUT to AGND, the fault check is enabled.
42
ISETD
I
The PWM current programming pin. The inductor DC current level is proportional to the PWM duty cycle. Use
either ISETA or ISETD but not both for channel current programming. When ISETD is not used, short ISETD to
AGND.
43
EN2
I
CH-2 enable pin. Pulling EN2 above 2.4 V enables CH-2. Pulling EN2 below 1 V shuts down the HO2 and LO2
drivers.
44
DIR
I
Direction command input. Pulling DIR above 2 V sets the converter to the buck mode, which commands the
current to flow from the HV-Port to LV-Port. Pulling DIR below 1 V sets the converter to the boost mode, which
commands the current to flow from the LV-Port to HV-Port. If the DIR pin is left open, the LM5170-Q1 detects an
invalid command and disables both channels with the MOSFET gate drivers in the low state.
45
ISETA
I, O
The analog current programming pin. The inductor DC current is proportional to the ISETA voltage. Use either
ISETA or ISETD but not both for channel current programming. When ISETA is not used, connect a 100-pF to
0.1-µF capacitor from ISETA to AGND.
46
AGND
G
Analog ground reference. AGND must connect to PGND externally through a single point connection to improve
the LM5170-Q1 noise immunity.
47
OSC
I
The internal oscillator frequency is programmed by a resistor between OSC and AGND.
48
DT
I
A resistor connected between DT and AGND sets the dead time between the high-side and low-side driver
outputs. Tie the DT pin to VCCA to activate the internal adaptive dead time control.
EP
Exposed pad of the package. No internal electrical connections. Must be soldered to the large ground plane to
reduce thermal resistance.


Số phần tương tự - LM5170QPHPRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5170 TI1-LM5170 Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
LM5170-Q1 TI1-LM5170-Q1 Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
LM5170PHPR TI1-LM5170PHPR Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
LM5170PHPT TI1-LM5170PHPT Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
More results

Mô tả tương tự - LM5170QPHPRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5170 TI1-LM5170 Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
logo
Texas Instruments
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
EMB1499Q TI1-EMB1499Q Datasheet
908Kb / 24P
[Old version datasheet]   EMB1499Q Bidirectional Current DC-DC Controller
EMB1499Q TI1-EMB1499Q Datasheet
908Kb / 24P
[Old version datasheet]   EMB1499Q Bidirectional Current DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com