công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5170-Q1 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM5170-Q1
Giải thích chi tiết về linh kiện  Multiphase Bidirectional Current Controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5170-Q1 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM5170-Q1 Datasheet HTML 1Page - Texas Instruments LM5170-Q1 Datasheet HTML 2Page - Texas Instruments LM5170-Q1 Datasheet HTML 3Page - Texas Instruments LM5170-Q1 Datasheet HTML 4Page - Texas Instruments LM5170-Q1 Datasheet HTML 5Page - Texas Instruments LM5170-Q1 Datasheet HTML 6Page - Texas Instruments LM5170-Q1 Datasheet HTML 7Page - Texas Instruments LM5170-Q1 Datasheet HTML 8Page - Texas Instruments LM5170-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
4
LM5170-Q1
SNVSAQ6 – NOVEMBER 2016
www.ti.com
Product Folder Links: LM5170-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
NO.
NAME
8
RAMP2
I
The inverting input of the CH-2 PWM Comparator. An external RC circuit tied between VINX, RAMP2, and
AGND forms the ramp generator producing a ramp signal proportional to the HV-Port voltage, thus achieving a
voltage feedforward function. The RAMP2 capacitor voltage is reset to AGND at the end of every switching
cycle.
9
OVPA
I
Connected to the noninverting input of the HV-Port overvoltage comparator. An internal 3-MΩ pullup resistor and
an external resistor across the OVPA and AGND pins form a divider that senses the HV-Port voltage. When the
OVPA pin voltage is above the 1.185-V threshold, the SS capacitor is discharged and held low until the
overvoltage condition is removed.
10
ULVO
I
The UVLO pin serves as the master enable pin. When UVLO is pulled below 1.25 V, the entire LM5170-Q1 is in
a low quiescent current shutdown mode. When UVLO is pulled above 1.25 V but below 2.5 V, the LM5170-Q1
enters the initialization stage in which the nFAULT pin is first pulled up to 5 V, while the rest of the LM5170-Q1 is
kept in the OFF state. When UVLO is pulled above the 2.5 V, the LM5170-Q1 enters a MOSFET failure
detection stage. If no failure is detected, the circuit breaker gate driver (BRKS and BRKG) turns on, and the
LM5170-Q1 enables the oscillator and RAMP generator, and stands by until the EN1 and EN2 commands
enable the channel.
11
COMP2
O
Output of the CH-2 trans-conductance (gm) error amplifier and the noninverting input of the CH-2 PWM
comparator. A loop compensation network must be connected to this pin.
12
SS
I
The soft-start programming pin. An external capacitor and an internal 25-μA current source set the ramp rate of
the COMP pins voltage during soft start. If CH-2 is enabled after CH-1 completes soft start, the CH-2 turnon will
not be controlled by the SS pin.
13
SW2
I
CH-2 switch node. Connect to the CH-2 high-side MOSFET source, the low-side MOSFET drain, and the
bootstrap capacitor return terminal.
14
HB2
P
CH-2 high-side gate driver bootstrap supply input.
15
HO2
I/O
CH-2 high-side gate driver output.
16
NC
No Connect
17
LO2
I/O
CH-2 low-side gate driver output.
18
PGND
G
Power ground connection pin for the low-side gate drivers and external VCC bias supply.
19
VCC
I/P
VCC bias supply pin, powering the drivers. An external bias supply between 9 V to 12 V must be applied across
the VCC and PGND pins.
20
LO1
I/O
CH-1 low-side gate driver output.
21
NC
No Connect
22
HO1
I/O
CH-1 high-side gate driver output.
23
HB1
P
CH-1 high-side gate driver bootstrap supply input.
24
SW1
I
CH-1 switch node. Connect to the CH-1 high-side MOSFET source, the low-side MOSFET drain, and the
bootstrap capacitor return terminal.
25
OVPB
I
Connected to the noninverting input of the LV-Port overvoltage comparator. An internal 1-M
Ω pullup resistor and
an external resistor across the OVPB and AGND pins form the divider that senses the LV-Port voltage. When
the converter operates in Boost mode the OVPB pin status is ignored. In Buck mode, when the OVPB pin
voltage is above the 1.185-V threshold, the SS capacitor is discharged and held low until the overvoltage
condition is removed.
26
COMP1
O
Output of the CH-1 trans-conductance (gm) error amplifier and the noninverting input of the CH-1 PWM
comparator. A loop compensation network must be connected to this pin.
27
nFAULT
I/O
Fault flag pin or external shutdown pin. When a MOSFET drain-to-source short circuit failure is detected before
start-up, the nFAULT pin will be internally pulled low to report the short-circuit failure, and the LM5170-Q1 will
remain in a disabled state. The nFAULT pin can also be externally pulled low to shut down the LM5170-Q1,
serving as a forced shutdown pin. In forced shutdown, all gate drivers turn off, and nFAULT is latched low until
the UVLO pin is pulled below 1.25 V to release the latch and initiate a new start-up.
28
RAMP1
I
The inverting input of the CH-1 PWM comparator. An external RC circuit tied between VINX, RAMP1, and AGND
forms the ramp generator producing a ramp signal proportional to the HV-Port voltage, thus achieving a voltage
feedforward function. The RAMP1 capacitor voltage is reset to AGND at the end of every switching cycle.
29
OPT
I
Multiphase configuration pin. Tied to either VCCA or AGND, the OPT pin sets the phase lag of the SYNCOUT
signal corresponding to 4 phase or 3 phase operation, respectively.
30
IPK
I
A resistor connected between IPK and AGND sets the threshold for the cycle-by-cycle current limit comparator
31
VCCA
I/P
Analog bias supply pin. Connect VCCA to VCC through an external 25-
Ω resistor. A low-pass filter capacitor is
required from the VCCA pin to AGND.
32
NC
No Connect.


Số phần tương tự - LM5170-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5170-Q1 TI1-LM5170-Q1 Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
More results

Mô tả tương tự - LM5170-Q1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5170 TI1-LM5170 Datasheet
4Mb / 71P
[Old version datasheet]   LM5170 Multiphase Bidirectional Current Controller
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
logo
Texas Instruments
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090_15 Datasheet
916Kb / 31P
[Old version datasheet]    HIGH-FREQUENCY, MULTIPHASE CONTROLLER
EMB1499Q TI1-EMB1499Q Datasheet
908Kb / 24P
[Old version datasheet]   EMB1499Q Bidirectional Current DC-DC Controller
EMB1499Q TI1-EMB1499Q Datasheet
908Kb / 24P
[Old version datasheet]   EMB1499Q Bidirectional Current DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com