công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NBSG53A bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện NBSG53A
Giải thích chi tiết về linh kiện  2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG53A bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  NBSG53A Datasheet HTML 1Page - ON Semiconductor NBSG53A Datasheet HTML 2Page - ON Semiconductor NBSG53A Datasheet HTML 3Page - ON Semiconductor NBSG53A Datasheet HTML 4Page - ON Semiconductor NBSG53A Datasheet HTML 5Page - ON Semiconductor NBSG53A Datasheet HTML 6Page - ON Semiconductor NBSG53A Datasheet HTML 7Page - ON Semiconductor NBSG53A Datasheet HTML 8Page - ON Semiconductor NBSG53A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NBSG53A
http://onsemi.com
2
VTD
D
D
VTD
VCC
R
SEL OLS
VEE
Q
Q
VCC
VTCLK
CLK
CLK
VTCLK
56
7
8
16
15
14
13
12
11
10
9
1
2
3
4
NBSG53A
Exposed Pad
(EP)
Figure 1. QFN−16 Pinout (Top View)
Table 1. PIN DESCRIPTION
Pin
Name
I/O
Description
1
VTCLK
Internal 50
W Termination Pin. See Table 4.
2
CLK
ECL, CML,
LVCMOS, LVDS,
LVTTL Input
Inverted Differential Input.
3
CLK
ECL, CML,
LVCMOS, LVDS,
LVTTL Input
Noninverted Differential Input.
4
VTCLK
Internal 50
W Termination Pin. See Table 4.
5
VTD
Internal 50
W termination pin. See Table 4.
6
D
ECL, CML,
LVCMOS, LVDS,
LVTTL Input
Inverted Differential Input.
7
D
ECL, CML,
LVCMOS, LVDS,
LVTTL Input
Noninverted Differential Input.
8
VTD
Internal 50
W Termination Pin. See Table 4.
9,16
VCC
Positive Supply Voltage
10
Q
RSECL Output
NonInverted Differential Output. Typically Terminated with 50
W Resistor to
VTT = VCC − 2 V.
11
Q
RSECL Output
Inverted Differential Output. Typically Terminated with 50
W Resistor to
VTT = VCC − 2 V.
12
VEE
Negative Supply Voltage
13
OLS*
Input
Input Pin for the Output Level Select (OLS). See Table 2.
14
SEL
LVECL, LVCMOS,
LVTTL Input
Select Logic Input. Internal 75 k
W to VEE.
15
R
LVECL, LVCMOS,
LVTTL Input
Reset D Flip-Flop. Internal 75 k
W to VEE.
EP
The Exposed Pad (EP) on the QFN−16 package bottom is thermally connected to the
die for improved heat transfer out of package. The exposed pad must be attached to
a heat-sinking conduit. The pad is not electrically connected to the die but may be
electrically and thermally connected to VEE on the PC board.
1. All VCC and VEE pins must be externally connected to Power Supply to guarantee proper operation. The thermally exposed pad (EP) on
package bottom (see case drawing) must be attached to a heat-sinking conduit.
2. In the differential configuration when the input termination pins (VTD, VTD, VTCLK, VTCLK) are connected to a common termination voltage,
and if no signal is applied then the device will be susceptible to self-oscillation.
3. When an output level of 400 mV is desired and VCC − VEE > 3.0 V, 2 kW resistor should be connected from OLS pin to VEE.


Số phần tương tự - NBSG53A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NBSG53A ONSEMI-NBSG53A Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
NBSG53ABA ONSEMI-NBSG53ABA Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
NBSG53ABA ONSEMI-NBSG53ABA Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53ABAEVB ONSEMI-NBSG53ABAEVB Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
NBSG53ABAEVB ONSEMI-NBSG53ABAEVB Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
More results

Mô tả tương tự - NBSG53A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NB4L52 ONSEMI-NB4L52_09 Datasheet
149Kb / 8P
   2.5 V/3.3 V/5.0 V Differential Data/Clock D Flip-Flop
August, 2009 ??Rev. 3
NBSG53A ONSEMI-NBSG53A Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
NBSG53A ONSEMI-NBSG53A_06 Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
logo
Renesas Technology Corp
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
logo
Micrel Semiconductor
SY10EL52 MICREL-SY10EL52 Datasheet
49Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52 MICREL-SY10EL52_05 Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52ZC MICREL-SY10EL52ZC Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com