công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU33SD5WG-TR bảng dữ liệu(PDF) 11 Page - Rohm

tên linh kiện BU33SD5WG-TR
Giải thích chi tiết về linh kiện  CMOS LDO Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU33SD5WG-TR bảng dữ liệu(HTML) 11 Page - Rohm

Back Button BU33SD5WG-TR Datasheet HTML 7Page - Rohm BU33SD5WG-TR Datasheet HTML 8Page - Rohm BU33SD5WG-TR Datasheet HTML 9Page - Rohm BU33SD5WG-TR Datasheet HTML 10Page - Rohm BU33SD5WG-TR Datasheet HTML 11Page - Rohm BU33SD5WG-TR Datasheet HTML 12Page - Rohm BU33SD5WG-TR Datasheet HTML 13Page - Rohm BU33SD5WG-TR Datasheet HTML 14Page - Rohm BU33SD5WG-TR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Datasheet
Datasheet
11/17
TSZ02201-0G6G0A300600-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.05.31 Rev.003
www.rohm.com
TSZ22111・15・001
BUxxSD5 series
Figure 26. Stability area characteristics
●Input/Output Capacitor
It is recommended that an input capacitor is placed near pins
between the VCC pin and GND as well as an output capacitor
between the output pin and GND. The input is valid when the
power supply impedance is high or when the PCB trace has
significant length. For the output capacitor, the greater the
capacitance, the more stable the output will be depending on
the load and line voltage variations. However, please check the
actual functionality of this capacitor by mounting it on a board
for the actual application. Ceramic capacitors usually have
different,
thermal
and
equivalent
series
resistance
characteristics, and may degrade gradually over continued
use.
For additional details, please check with the manufacturer,
and select the best ceramic capacitor for your application
Capacity value of ceramic capacitor - DC bias characteristics
(
Example)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
00.5
1
1.5
22.5
3
3.5
4
DC Bias Voltage [V]
10-V withstand voltage
B1characteristics
GRM188B11A105KA61D
10-V withstand voltage
B characteristics
6.3-V withstand voltage
B characteristics
4-V withstand voltage
X6S characteristics
10-V withstand voltage
F characteristics
10-V withstand voltage
F characteristics
Figure 25. Capacity-bias characteristics
(Example)
●Equivalent Series Resistance (ESR) of a Ceramic Capacitor
Capacitors
generally
have
ESR
(equivalent
series
resistance) and it operates stably in the ESR-IOUT area of
the output capacitor shown on the right. Since ceramic
capacitors, tantalum capacitors, electrolytic capacitors, etc.
generally have different ESR, please check the ESR of the
capacitor to be used and use it within the stability area
range shown in the right graph for evaluation of the actual
application.


Số phần tương tự - BU33SD5WG-TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU33SD5WG-TR ROHM-BU33SD5WG-TR Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
More results

Mô tả tương tự - BU33SD5WG-TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com