công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BYV26D bảng dữ liệu(PDF) 1 Page - Nanjing International Group Co

tên linh kiện BYV26D
Giải thích chi tiết về linh kiện  Ultra Fast Avalanche Sinterglass Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DGNJDZ [Nanjing International Group Co]
Trang chủ  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BYV26D bảng dữ liệu(HTML) 1 Page - Nanjing International Group Co

  BYV26D Datasheet HTML 1Page - Nanjing International Group Co BYV26D Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYV26A THRU BYV26E
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=50 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range Tj, TSTG
1.0
1.0
1.3
1.70
30
5.0
150
30
7
5
20
-65
+1
75
V
A
A
V
uA
uA
nS
pF
C
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.3
1 grams
*
VOLTAGE RANGE
200 to 1000 Volts
CURRENT
1.0 Ampere
BYV26A
BYV26B
BYV26C
BYV26D
BYV26E
UNITS
200
400
600
800
1000
200
400
600
800
1000
140
280
420
560
700
V
V
DO-41
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.205(5.2)
.166(4.2)
.03
1(.8)
.02
3(.6)
DIA.
.107(2.7)
.080(2.0)
DIA.
* High speed switching
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
Ultra Fast Avalanche Sinterglass Diode


Số phần tương tự - BYV26D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BYV26D PHILIPS-BYV26D Datasheet
69Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 30
logo
Shenzhen Luguang Electr...
BYV26D LUGUANG-BYV26D Datasheet
172Kb / 2P
   Super Fast Rectifiers
logo
Vishay Siliconix
BYV26D VISHAY-BYV26D Datasheet
134Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26D VISHAY-BYV26D Datasheet
41Kb / 4P
   Very Fast Soft-Recovery Avalanche Rectifier
Rev. 2, 24-Jun-98
BYV26D VISHAY-BYV26D Datasheet
121Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
More results

Mô tả tương tự - BYV26D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
BYV27-600 VISHAY-BYV27-600 Datasheet
115Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.6, 04-Aug-10
BYV28-600-TR VISHAY-BYV28-600-TR Datasheet
111Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Sep-12
logo
Digitron Semiconductors
BYV27-50 DIGITRON-BYV27-50 Datasheet
92Kb / 3P
   ULTRA FAST AVALANCHE SINTERGLASS DIODE
logo
Vishay Siliconix
BYV28-50 VISHAY-BYV28-50_V01 Datasheet
126Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_15 Datasheet
127Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV27-50 VISHAY-BYV27-50_15 Datasheet
129Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26E-TR VISHAY-BYV26E-TR Datasheet
121Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26A VISHAY-BYV26A_10 Datasheet
114Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Aug-10
logo
Nanjing International G...
BYV26E DGNJDZ-BYV26E Datasheet
175Kb / 2P
   Ultra Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BYT53A VISHAY-BYT53A_V01 Datasheet
136Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_V01 Datasheet
134Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com