công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MJWI20-48S12 bảng dữ liệu(PDF) 9 Page - Total Power International |
|
MJWI20-48S12 bảng dữ liệu(HTML) 9 Page - Total Power International |
9 / 9 page MJWI20 SERIES DC/DC CONVERTER 20W, Highest Power Density Test Setup Input Reflected-Ripple Current Test Setup Input reflected-ripple current is measured with a inductor Lin (4.7μH) and Cin (220μF, ESR < 1.0Ω at 100 KHz) to simulate source impedance. Capacitor Cin, offsets possible battery impedance. Current ripple is measured at the input terminals of the module, measurement bandwidth is 0-500 KHz. +Out -Out +Vin -Vin DC / DC Converter Load Battery + Lin + Cin To Oscilloscope Current Probe Peak-to-Peak Output Noise Measurement Test Use a 1μF ceramic capacitor and a 10μF tantalum capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20 MHz. Position the load between 50 mm and 75 mm from the DC/DC Converter. +Out -Out +Vin -Vin Single Output DC / DC Converter Resistive Load Scope Copper Strip Cout Copper Strip +Out -Out +Vin -Vin Dual Output DC / DC Converter Resistive Load Scope Copper Strip Cout Com. Scope Cout Copper Strip Copper Strip Technical Notes Remote On/Off Positive logic remote on/off turns the module on during a logic high voltage on the remote on/off pin, and off during a logic low. To turn the power module on and off, the user must supply a switch to control the voltage between the on/off terminal and the -Vin terminal. The switch can be an open collector or equivalent. A logic low is 0V to 1.2V. A logic high is 3.5V to 12V. The maximum sink current at the on/off terminal (Pin 6) during a logic low is -500μA. The maximum allowable leakage current of a switch connected to the on/off terminal (Pin 6) at logic high (3.5V to 12V) is 10mA. Overcurrent Protection To provide hiccup mode protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can endure overload for an unlimited duration. Overvoltage Protection The output overvoltage clamp consists of control circuitry, which is independent of the primary regulation loop, that monitors the voltage on the output terminals. The control loop of the clamp has a higher voltage set point than the primary loop. This provides a redundant voltage control that reduces the risk of output overvoltage. The OVP level can be found in the output data. Input Source Impedance The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power module. In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure startup. Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low Equivalent Series Resistance (ESR < 1.0 Ω at 100 KHz) capacitor of a 10μF for the 24V and 48V devices. + +Out -Out +Vin -Vin DC / DC Converter Load DC Power Source + - Cin Output Ripple Reduction A good quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce output ripple, it is recommended to use 4.7μF capacitors at the output. +Out -Out +Vin -Vin Load DC Power Source + - Cout Single Output DC / DC Converter +Out -Out +Vin -Vin Load DC Power Source + - Cout Com. Dual Output DC / DC Converter Load Cout Maximum Capacitive Load The MJWI20 series has limitation of maximum connected capacitance at the output. The power module may be operated in current limiting mode during start-up, affecting the ramp-up and the startup time. The maximum capacitance can be found in the data sheet. Thermal Considerations Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module and board spacing. To avoid exceeding the maximum temperature rating of the components inside the power module, the case temperature must be kept below 105 ℃. The derating curves are determined from measurements obtained in a test setup. DUT Position of air velocity probe and thermocouple 50mm / 2in Air Flow 15mm / 0.6in Total Power In Total Power International, Inc Toll Free: 877-646-0900 www.total-power.com Tota Total Power International, Inc. |
Số phần tương tự - MJWI20-48S12 |
|
Mô tả tương tự - MJWI20-48S12 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |