công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJWI20-24D12 bảng dữ liệu(PDF) 1 Page - Total Power International

tên linh kiện MJWI20-24D12
Giải thích chi tiết về linh kiện  Smallest Encapsulated 20W Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOTAL-POWER [Total Power International]
Trang chủ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MJWI20-24D12 bảng dữ liệu(HTML) 1 Page - Total Power International

  MJWI20-24D12 Datasheet HTML 1Page - Total Power International MJWI20-24D12 Datasheet HTML 2Page - Total Power International MJWI20-24D12 Datasheet HTML 3Page - Total Power International MJWI20-24D12 Datasheet HTML 4Page - Total Power International MJWI20-24D12 Datasheet HTML 5Page - Total Power International MJWI20-24D12 Datasheet HTML 6Page - Total Power International MJWI20-24D12 Datasheet HTML 7Page - Total Power International MJWI20-24D12 Datasheet HTML 8Page - Total Power International MJWI20-24D12 Datasheet HTML 9Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
Smallest Encapsulated 20W Converter!
Package Size 1.0”x1.0”x0.4”
Ultra-wide 4:1 Input Range
Very high Efficiency up to 90%
Operating Temp. Range -40°C to +85°C
Output Voltage Trimmable
I/O-isolation Voltage 1500VDC
Remote On/Off Control
Shielded Metal Case with Isolated Baseplate
CSA/UL/IEC/EN 60950-1 Safety Approval
3 Years Product Warranty
PRODUCT OVERVIEW
The MJWI20 series is a new generation of high performance dc-dc converter modules setting a new standard concerning power density. The product
offers fully 20W in a shielded metal package with dimensions of just 1.0”x1.0”x 0.4”. All models provide ultra-wide 4:1 input voltage range and tight output
voltage regulation.
State-of the-art circuit topology provides a very high efficiency up to 90% which allows an operating temperature range of -40°C to +85°C. Further features
include remote On/Off, trimmable output voltage as well as overload protection and over-temperature protection.
Typical applications for these converters are battery operated equipment, instrumentation, distributed power architectures in communication and industrial
electronics and other space critical applications.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Over
Voltage
Protection
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA (typ.)
VDC
μF
%
MJWI20-24S033
3.3
4500
0
711
80
3.9
10300
87
MJWI20-24S05
5
4000
0
936
90
6.2
6800
89
MJWI20-24S12
12
1670
0
938
40
15
1200
89
MJWI20-24S15
15
1340
0
941
40
18
750
89
MJWI20-24S24
24
835
0
949
40
30
300
88
MJWI20-24D12
±12
±835
±60
938
40
±15
680#
89
MJWI20-24D15
24
(9 ~ 36)
±15
±670
±50
941
40
50
±18
380#
89
MJWI20-48S033
3.3
4500
0
352
40
3.9
10300
88
MJWI20-48S05
5
4000
0
468
45
6.2
6800
89
MJWI20-48S12
12
1670
0
469
25
15
1200
89
MJWI20-48S15
15
1340
0
471
25
18
750
89
MJWI20-48S24
24
835
0
474
25
30
300
88
MJWI20-48D12
±12
±835
±60
469
25
±15
680#
89
MJWI20-48D15
48
(18 ~ 75)
±15
±670
±50
471
25
30
±18
380#
89
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
24V Input Models
---
---
9
Start-Up Threshold Voltage
48V Input Models
---
---
18
VDC
Input Polarity Protection
None
Power Up
---
---
30
ms
Start Up Time
Remote On/Off
Nominal Vin and Constant Resistive Load
---
---
30
ms
Internal Filter Type
All Models
LC Filter (for EN55022,Class A compliance see page 8)
Short Circuit Current
Hiccup Mode, 1.5 Hz typ.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Số phần tương tự - MJWI20-24D12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Minmax Technology Co., ...
MJWI20-24D12 MINMAX-MJWI20-24D12 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
More results

Mô tả tương tự - MJWI20-24D12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Total Power Internation...
MKWI50 TOTAL-POWER-MKWI50 Datasheet
526Kb / 8P
   Smallest encapsulated 50W Converter
MKW40 TOTAL-POWER-MKW40 Datasheet
595Kb / 9P
   Smallest Encapsulated 40W Converter
MKW50 TOTAL-POWER-MKW50 Datasheet
593Kb / 9P
   Smallest Encapsulated 50W Converter
MKWI40 TOTAL-POWER-MKWI40 Datasheet
564Kb / 8P
   Smallest Encapsulated 40W Converter
logo
Minmax Technology Co., ...
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
logo
Mean Well Enterprises C...
MPM-20 MEANWELL-MPM-20 Datasheet
544Kb / 4P
   20W High Reliable Green Medical Encapsulated Type
logo
MORNSUN Science& Techno...
LHE20-20A12 MORNSUN-LHE20-20A12 Datasheet
1Mb / 6P
   20W, AC-DC converter
LD20-26B03 MORNSUN-LD20-26B03 Datasheet
1Mb / 6P
   20W, AC/DC converter
LHE20-20B03 MORNSUN-LHE20-20B03 Datasheet
1Mb / 5P
   20W, AC-DC converter
LDE20-20B03 MORNSUN-LDE20-20B03 Datasheet
1Mb / 6P
   20W, AC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com