công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJW25-24S12 bảng dữ liệu(PDF) 1 Page - Total Power International

tên linh kiện MJW25-24S12
Giải thích chi tiết về linh kiện  Highest Power Density
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOTAL-POWER [Total Power International]
Trang chủ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MJW25-24S12 bảng dữ liệu(HTML) 1 Page - Total Power International

  MJW25-24S12 Datasheet HTML 1Page - Total Power International MJW25-24S12 Datasheet HTML 2Page - Total Power International MJW25-24S12 Datasheet HTML 3Page - Total Power International MJW25-24S12 Datasheet HTML 4Page - Total Power International MJW25-24S12 Datasheet HTML 5Page - Total Power International MJW25-24S12 Datasheet HTML 6Page - Total Power International MJW25-24S12 Datasheet HTML 7Page - Total Power International MJW25-24S12 Datasheet HTML 8Page - Total Power International MJW25-24S12 Datasheet HTML 9Page - Total Power International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
Highest Power Density
1" x 1" x 0.4" Shielded Metal Package
Wide 2:1 Input Range
Excellent Efficiency up to 90%
Operating Temp. Range -40°C to +80°C
Optional Heatsink
I/O-isolation Voltage 1500VDC
Remote On/Off Control
Over Load Protection
CSA/UL/IEC/EN 60950-1 (Approval pending)
3 Year Product Warranty
PRODUCT OVERVIEW
The MJW25 series is the latest range of a new generation of high performance dc-dc converter modules with very high power density.
The product offers fully 25W in a shielded metal package with dimensions of just 1.0”x1.0”x0.4”. All models provide wide 2:1 input range and tightly
regulated output voltage.By state-of-the-art circuit topology a very high efficiency up to 90% could be achieved allowing an operating temperature
range of -40°C to +80°C (with derating).
These converters are qualified for demanding applications in battery operated equipment,instrumentation,data communication,industrial and many other
space critical applications.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
@Max. Load
@No Load
Reflected
Ripple
Current
Over
Voltage
Protection
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA(typ.)
mA(typ.)
mA (typ.)
VDC
μF
%
MJW25-12S033
3.3
6000
1900
75
3.9
10300
87
MJW25-12S05
5
5000
2340
85
6.2
6800
89
MJW25-12S12
12
2090
2350
80
15
1200
89
MJW25-12S15
15
1670
2350
80
18
750
89
MJW25-12D12
±12
±1040
2340
75
±15
680#
89
MJW25-12D15
12
(9 ~ 18)
±15
±840
2360
75
80
±18
380#
89
MJW25-24S033
3.3
6000
940
55
3.9
10300
88
MJW25-24S05
5
5000
1160
60
6.2
6800
90
MJW25-24S12
12
2090
1160
55
15
1200
90
MJW25-24S15
15
1670
1160
55
18
750
90
MJW25-24D12
±12
±1040
1170
50
±15
680#
89
MJWI25-24D15
24
(18 ~ 36)
±15
±840
1180
50
50
±18
380#
89
MJW25-48S033
3.3
6000
470
35
3.9
10300
88
MJW25-48S05
5
5000
580
40
6.2
6800
90
MJW25-48S12
12
2090
580
35
15
1200
90
MJW25-48S15
15
1670
580
35
18
750
90
MJW25-48D12
±12
±1040
585
40
±15
680#
89
MJW25-48D15
48
(36 ~ 75)
±15
±840
590
40
30
±18
380#
89
# For each output
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Số phần tương tự - MJW25-24S12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Minmax Technology Co., ...
MJW25-24S12 MINMAX-MJW25-24S12 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
More results

Mô tả tương tự - MJW25-24S12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Recom International Pow...
RS6 RECOM-RS6 Datasheet
402Kb / 7P
   Highest Power Density In SIP Package
logo
Minmax Technology Co., ...
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
logo
SL Power Electronics
MINT1175 SLPOWER-MINT1175_15 Datasheet
1Mb / 8P
   the highest power density for a power supply
logo
Minmax Technology Co., ...
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com