công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCR10EZPF1003 bảng dữ liệu(PDF) 3 Page - Vicor Corporation

tên linh kiện MCR10EZPF1003
Giải thích chi tiết về linh kiện  DC-DC Converter Evaluation Board
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VICOR [Vicor Corporation]
Trang chủ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MCR10EZPF1003 bảng dữ liệu(HTML) 3 Page - Vicor Corporation

  MCR10EZPF1003 Datasheet HTML 1Page - Vicor Corporation MCR10EZPF1003 Datasheet HTML 2Page - Vicor Corporation MCR10EZPF1003 Datasheet HTML 3Page - Vicor Corporation MCR10EZPF1003 Datasheet HTML 4Page - Vicor Corporation MCR10EZPF1003 Datasheet HTML 5Page - Vicor Corporation MCR10EZPF1003 Datasheet HTML 6Page - Vicor Corporation MCR10EZPF1003 Datasheet HTML 7Page - Vicor Corporation MCR10EZPF1003 Datasheet HTML 8Page - Vicor Corporation MCR10EZPF1003 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
UG:301
vicorpower.com
Applications Engineering: 800 927.9474
Page 3
2. Default Pin Strap Configuration
a. Ensure the pin straps are in the following default locations before proceeding:
n
ENABLE = Not Used (enabled)
n
TRIM_UP = Not Used
n
TRIM_DN = Not Used
n
OPT1 = Not Used
n
OPT2 = Not Used
3. Pin Strap Functions
a. ENABLE – adding a strap on this pin will cause the converter to shut down.
b. TRIM_UP – Adding a strap in this location will adjust the output voltage
up by 10%.
c. TRIM_DN – Adding a strap in this location will adjust the output voltage down
by 10%. Only one strap can be connected at a time. If both trim straps are out,
the output voltage should be set to the model’s nominal output.
4. Trimming And Soft Start
a. For those customers who wish to trim to another voltage by changing the preset
trim resistors to another value, the trim equation shown in Figure 2 can be used:
R
low =
(–V )
R
INT
(–Vout
nom
) + V
desired
desired
R
high = (–RSS)
(–Voutnom) VERO + V Vref
V
ref
[(–Vout
nom) + V
]
desired
desired
Where: R1 = Rlow R3 = Rhigh VERO = 4.9 and Vref can be found in the appropriate
model datasheet.
Figure 3 shows an equation for soft start configuration where C7 = CREF
C
REF =
T
ssdesired – 230 10
−6
23000
ENABLE
TRIM/SS
SGND
RSS
Rhigh
Rlow
VERO
Vref
PI31xx
10k
Figure 4.
PI31xx Trimming Equivalent
Circuit
Figure 2.
PI31xx Trim Equation
Figure 3.
PI31xx Soft Start Equation


Số phần tương tự - MCR10EZPF1003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
MCR10EZPF100 ROHM-MCR10EZPF100 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
MCR10EZPF100 ROHM-MCR10EZPF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR10EZPF100 ROHM-MCR10EZPF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR10EZPF100 ROHM-MCR10EZPF100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR10EZPF100 ROHM-MCR10EZPF100 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
More results

Mô tả tương tự - MCR10EZPF1003

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
logo
STMicroelectronics
STEVALISC004V1 STMICROELECTRONICS-STEVALISC004V1 Datasheet
304Kb / 4P
   STUSB4710A evaluation board (with on-board DC-DC)
September 2017
logo
Monolithic Power System...
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
logo
STMicroelectronics
STEVAL-ISA059V1 STMICROELECTRONICS-STEVAL-ISA059V1 Datasheet
125Kb / 4P
   DC-DC converter demonstration board
March 2009 Rev 1
logo
Murata Manufacturing Co...
LSM-EB MURATA-LSM-EB Datasheet
217Kb / 5P
   10 Amp DC/DC Power Converter Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com