công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N2809A bảng dữ liệu(PDF) 8 Page - Keysight Technologies

tên linh kiện N2809A
Giải thích chi tiết về linh kiện  Bandwidths up to 33 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2809A bảng dữ liệu(HTML) 8 Page - Keysight Technologies

Back Button N2809A Datasheet HTML 3Page - Keysight Technologies N2809A Datasheet HTML 4Page - Keysight Technologies N2809A Datasheet HTML 5Page - Keysight Technologies N2809A Datasheet HTML 6Page - Keysight Technologies N2809A Datasheet HTML 7Page - Keysight Technologies N2809A Datasheet HTML 8Page - Keysight Technologies N2809A Datasheet HTML 9Page - Keysight Technologies N2809A Datasheet HTML 10Page - Keysight Technologies N2809A Datasheet HTML 11Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
08 | Keysight | PrecisionProbe for Bandwidths up to 33 GHz - Data Sheet
Understanding the Analysis Charts
PrecisionProbe comes with many analysis charts that make understanding the characterization and correction very easy
and provide insight that is unique to Keysight oscilloscopes.
The Summary Chart
The summary chart shows the frequency response of the
corrected probe or Vout (notice how flat the response is).
The chart also shows the transfer function (TF) that is
applied to the signal.
Probe Input Impedance
Knowing the impedance profile of the probe allows you to
estimate the loading of the probe system. PrecisionProbe
allows for you to characterize the impedance profile, along
with quickly determining the capacitance, impedance and
inductance. Markers allow for easy viewing of the capaci-
tance and inductance at each frequency
Probe Correction Filter
The probe correction filter simply shows the filter that is
being applied to adjust for the probe. This filter is designed
to ensure the signal stays perfectly flat.
Figure 12: The summary chart
Figure 13: PrecisionProbe properly characterizes a 2 pF capacitor
Figure 14: Probe correction summary


Số phần tương tự - N2809A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
N2809A-1FP KEYSIGHT-N2809A-1FP Datasheet
2Mb / 15P
   MIPI D-PHY Conformance Test Software
N2809A-1TP KEYSIGHT-N2809A-1TP Datasheet
2Mb / 15P
   MIPI D-PHY Conformance Test Software
More results

Mô tả tương tự - N2809A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE6819 PASTERNACK-PE6819 Datasheet
208Kb / 2P
   40 Watts WR-34 RF Load Up To 33 GHz
PE6801 PASTERNACK-PE6801 Datasheet
207Kb / 2P
   0.5 Watts WR-34 RF Load Up To 33 GHz
PE6828 PASTERNACK-PE6828 Datasheet
207Kb / 2P
   75 Watts WR-34 RF Load Up To 33 GHz
PE6810 PASTERNACK-PE6810 Datasheet
208Kb / 2P
   0.5 Watts Precision WR-34 RF Load Up To 33 GHz
logo
Mini-Circuits
35FFL-35F50 MINI-35FFL-35F50 Datasheet
190Kb / 2P
   Ultra-wideband, DC to 33 GHz
logo
Omron Electronics LLC
G9YA12S45PDC24 OMRON-G9YA12S45PDC24 Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
G9YA12S45DC12 OMRON-G9YA12S45DC12 Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
logo
Analog Devices
ADA2200 AD-ADA2200 Datasheet
743Kb / 25P
   Demodulates signal input bandwidths to 30 kHz
logo
Pasternack Enterprises,...
PE13U1004 PASTERNACK-PE13U1004 Datasheet
389Kb / 4P
   Waveguide Mixer Up Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
logo
Alpha Industries
AM028S2-A2 ALPHA-AM028S2-A2 Datasheet
600Kb / 4P
   26-33 GHz Surface Mount Single Balanced Up Converter Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com