công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N2809A bảng dữ liệu(PDF) 5 Page - Keysight Technologies

tên linh kiện N2809A
Giải thích chi tiết về linh kiện  Bandwidths up to 33 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2809A bảng dữ liệu(HTML) 5 Page - Keysight Technologies

  N2809A Datasheet HTML 1Page - Keysight Technologies N2809A Datasheet HTML 2Page - Keysight Technologies N2809A Datasheet HTML 3Page - Keysight Technologies N2809A Datasheet HTML 4Page - Keysight Technologies N2809A Datasheet HTML 5Page - Keysight Technologies N2809A Datasheet HTML 6Page - Keysight Technologies N2809A Datasheet HTML 7Page - Keysight Technologies N2809A Datasheet HTML 8Page - Keysight Technologies N2809A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
05 | Keysight | PrecisionProbe for Bandwidths up to 33 GHz - Data Sheet
Vout/Vsource Correction
The second way to correct probes is an estimate known as
Vout/Vsource, this method corrects the probe as “what
would be there if the probe were not present.” There are
oscilloscope and probe manufacturers that design their
probes and DSP correction software to display what the
waveform “would have been” in the absence of the probe.
One drawback of defining the probe’s response in this
manner is that if the probe’s loading causes your circuit to
lose some timing or amplitude margin, you probably want to
know that when you make a measurement. Vout/Vsource
compensation will hide these effects from you. Precision-
Probe also gives you the freedom to choose this method
of correction, which can be effective if probing at
the transmitter.
Vout/Vin Correction
Vout/Vin characterizes the output of the probe as a func-
tion of the input at the probe tips. Defining the response
this way allows you to evaluate the probe’s accuracy in
reproducing the actual signal present in your system with
the probe attached. This correction is known as Vout/Vin,
which is what you’d see with a real band limited probe that
has finite input impedance. PrecisionProbe corrects the
“Vout/Vin” response to be flat with frequency and phase to
your defined bandwidth limit. It does not correct the loading
effects of the probe. It should be noted that Keysight’ s
probe frequency response corrections are typically defined
using Vout/Vin.
Figure 6: A probe that has perfect transfer function shows an exact copy of a signal at the input. A probe that has a perfect system re-
sponse shows the signal at the input of probe boosted by the estimate amount of loading due to the probe.
PrecisionProbe Correction
Two methods exist for correcting probe responses, Vout/Vin and Vout/Vsource


Số phần tương tự - N2809A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
N2809A-1FP KEYSIGHT-N2809A-1FP Datasheet
2Mb / 15P
   MIPI D-PHY Conformance Test Software
N2809A-1TP KEYSIGHT-N2809A-1TP Datasheet
2Mb / 15P
   MIPI D-PHY Conformance Test Software
More results

Mô tả tương tự - N2809A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pasternack Enterprises,...
PE6819 PASTERNACK-PE6819 Datasheet
208Kb / 2P
   40 Watts WR-34 RF Load Up To 33 GHz
PE6801 PASTERNACK-PE6801 Datasheet
207Kb / 2P
   0.5 Watts WR-34 RF Load Up To 33 GHz
PE6828 PASTERNACK-PE6828 Datasheet
207Kb / 2P
   75 Watts WR-34 RF Load Up To 33 GHz
PE6810 PASTERNACK-PE6810 Datasheet
208Kb / 2P
   0.5 Watts Precision WR-34 RF Load Up To 33 GHz
logo
Mini-Circuits
35FFL-35F50 MINI-35FFL-35F50 Datasheet
190Kb / 2P
   Ultra-wideband, DC to 33 GHz
logo
Omron Electronics LLC
G9YA12S45PDC24 OMRON-G9YA12S45PDC24 Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
G9YA12S45DC12 OMRON-G9YA12S45DC12 Datasheet
660Kb / 10P
   High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
logo
Analog Devices
ADA2200 AD-ADA2200 Datasheet
743Kb / 25P
   Demodulates signal input bandwidths to 30 kHz
logo
Pasternack Enterprises,...
PE13U1004 PASTERNACK-PE13U1004 Datasheet
389Kb / 4P
   Waveguide Mixer Up Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
logo
Alpha Industries
AM028S2-A2 ALPHA-AM028S2-A2 Datasheet
600Kb / 4P
   26-33 GHz Surface Mount Single Balanced Up Converter Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com