công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N2808A bảng dữ liệu(PDF) 6 Page - Keysight Technologies

tên linh kiện N2808A
Giải thích chi tiết về linh kiện  PrecisionProbe for the 9000 Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2808A bảng dữ liệu(HTML) 6 Page - Keysight Technologies

Back Button N2808A Datasheet HTML 2Page - Keysight Technologies N2808A Datasheet HTML 3Page - Keysight Technologies N2808A Datasheet HTML 4Page - Keysight Technologies N2808A Datasheet HTML 5Page - Keysight Technologies N2808A Datasheet HTML 6Page - Keysight Technologies N2808A Datasheet HTML 7Page - Keysight Technologies N2808A Datasheet HTML 8Page - Keysight Technologies N2808A Datasheet HTML 9Page - Keysight Technologies N2808A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
06 | Keysight | N2808A PrecisionProbe for the 9000 Series - Data Sheet
PrecisionProbe Correction (Probes)
S21 insertion loss correction
PrecisionCable can be used to remove insertion loss caused by
cables or fixtures. Previously the only way to do this analysis was
to characterize the cable using simulation, TDR, or a VNA. All of
these methods can be accurate and can yield the desired results.
You would then take the newly created s-parameter file to the
oscilloscope and use the de-embedding software to remove the
insertion loss of the fixture or cable. While this method works, it
requires extra equipment and effort. PrecisionCable allows for
this characterization to be done inside of the same oscilloscope
that the measurements will be taken. Characterizing the cables
and fixtures takes less than five minutes in many cases which
saves significant time.
Note: This measurement does require access to both ends of the fixture or cable,
similar to methods such as VNA and TDR.
Figure 8. PrecisionProbe corrects phase non-linearities, notice the new
flat phase.
Figure 7. Example of frequency response correction of a cable. The 3 dB down point moved from 2.5 GHz to 4 GHz.


Số phần tương tự - N2808A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
N2808A KEYSIGHT-N2808A Datasheet
4Mb / 32P
   Infiniium 9000 Series Oscilloscopes
N2808A-1FP KEYSIGHT-N2808A-1FP Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
N2808A-1FP KEYSIGHT-N2808A-1FP Datasheet
2Mb / 15P
   MIPI D-PHY Conformance Test Software
N2808A-1TP KEYSIGHT-N2808A-1TP Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
N2808A-1TP KEYSIGHT-N2808A-1TP Datasheet
2Mb / 15P
   MIPI D-PHY Conformance Test Software
More results

Mô tả tương tự - N2808A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
N5463B KEYSIGHT-N5463B Datasheet
2Mb / 8P
   Infiniium 9000 Series Oscilloscopes
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-8949 AVAGO-HEDS-8949 Datasheet
2Mb / 15P
   Alignment Kit for AEAT-9000 Encoders
logo
Keysight Technologies
9000 KEYSIGHT-9000 Datasheet
4Mb / 32P
   Infiniium 9000 Series Oscilloscopes
N2807A KEYSIGHT-N2807A Datasheet
1Mb / 14P
   N2807A PrecisionProbe Advanced Kit
N2807B KEYSIGHT-N2807B Datasheet
1Mb / 14P
   N2807A PrecisionProbe Advanced Kit
logo
Agilent(Hewlett-Packard...
U7231A HP-U7231A Datasheet
884Kb / 12P
   Compliance Test Application for Infiniium 9000 and 90000 Series Oscilloscope
logo
Coto Technology
9000 COTO-9000 Datasheet
1Mb / 2P
   9000 SERIES/MOLDED SIP REED RELAYS
logo
List of Unclassifed Man...
U1145 ETC2-U1145 Datasheet
94Kb / 1P
   9000 SERIES - MNIATURE MOMENTARY PUSHBUTTON SWTCHES
logo
Molex Electronics Ltd.
638509000 MOLEX-638509000 Datasheet
136Kb / 6P
   63850-9000 T2 Terminator
01-26-04
logo
PHOENIX CONTACT
1084510 PHOENIX-1084510 Datasheet
263Kb / 9P
   Panel PC - VMT 9000
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com