công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N2807A bảng dữ liệu(PDF) 2 Page - Keysight Technologies

tên linh kiện N2807A
Giải thích chi tiết về linh kiện  N2807A PrecisionProbe Advanced Kit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2807A bảng dữ liệu(HTML) 2 Page - Keysight Technologies

  N2807A Datasheet HTML 1Page - Keysight Technologies N2807A Datasheet HTML 2Page - Keysight Technologies N2807A Datasheet HTML 3Page - Keysight Technologies N2807A Datasheet HTML 4Page - Keysight Technologies N2807A Datasheet HTML 5Page - Keysight Technologies N2807A Datasheet HTML 6Page - Keysight Technologies N2807A Datasheet HTML 7Page - Keysight Technologies N2807A Datasheet HTML 8Page - Keysight Technologies N2807A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Background – PrecisionProbe
Probes and cables have inherent loss and variation. The loss at times can be substantial,
or merely different enough from the nominal to cause variation in measurements. To
compensate for the inherent loss, oscilloscope vendors use probe correction via DSP.
The vendor uses a “golden” model and base, all compensation/correction on the single
model. While this strategy solves some of the loss and variability, it also still means that
if a probe’s characteristics have changed/drifted or were not close to the model to begin
with, the compensation is no longer correct for the probe. There are also myriad probe
heads to attach to probe amplifiers for maximum accuracy when every combination
must be measured. The end result is that you can get unwanted inaccuracies or probe to
probe variability.
Figure 1. Probe browser with a non-
standard pitch
Figure 2. Image of custom probe
PrecisionProbe solves measurement challenges by
allowing you to:
– Measure input impedance and response of any probe and the loss of any cable
– Quickly correct for probe and cable loss (without extra instruments such as VNA or
TDR)
– Correct probing issues such as phase non-linearity, magnitude non-flatness, and see
the effect of probe loading
– Quickly gain insight into the impedance/capacitance that defines your connection
The Keysight Technologies, Inc. PrecisionProbe Advanced Kit (N2807A) includes
award winning PrecisionProbe software as well as external hardware and
accessories that allow you to characterize and correct your measurement system
quickly and accurately to 63 GHz.


Số phần tương tự - N2807A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intel Corporation
N2807 INTEL-N2807 Datasheet
538Kb / 14P
   Intel짰 Celeron짰 Processor J1800, J1900, N2807, and N2930 for Internet of Things
logo
Keysight Technologies
N2807B KEYSIGHT-N2807B Datasheet
1Mb / 14P
   N2807A PrecisionProbe Advanced Kit
More results

Mô tả tương tự - N2807A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
N2807B KEYSIGHT-N2807B Datasheet
1Mb / 14P
   N2807A PrecisionProbe Advanced Kit
N2808A KEYSIGHT-N2808A Datasheet
3Mb / 13P
   PrecisionProbe for the 9000 Series
logo
Pepperl+Fuchs Inc.
KT-MB-DMA PF-KT-MB-DMA Datasheet
980Kb / 4P
   Advanced Diagnostic Module, Kit for Stand-Alone Operation
2021-01-12
logo
List of Unclassifed Man...
HEX3653 ETC1-HEX3653 Datasheet
1Mb / 13P
   FM Radio Receiver Module D.I.Y. Kit (for Advanced Users)
logo
Schneider Electric
XBTZGWMKT SCHNEIDER-XBTZGWMKT Datasheet
113Kb / 1P
   Magelis XBTGH - wall mounting kit - for advanced hand-held panel
Aug 11, 2019
logo
List of Unclassifed Man...
426120410-3 ETC2-426120410-3 Datasheet
139Kb / 2P
   KIT 60145-3 ODF KIT
382-0330 ETC2-382-0330 Datasheet
149Kb / 2P
   Kit
logo
Bud Industries, Inc.
CSA-11262 BUD-CSA-11262 Datasheet
45Kb / 1P
   SUPPORT ANGLE KIT, CHASSIS KIT
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com