công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100LVELT23MNRG bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC100LVELT23MNRG
Giải thích chi tiết về linh kiện  3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVELT23MNRG bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC100LVELT23MNRG Datasheet HTML 1Page - ON Semiconductor MC100LVELT23MNRG Datasheet HTML 2Page - ON Semiconductor MC100LVELT23MNRG Datasheet HTML 3Page - ON Semiconductor MC100LVELT23MNRG Datasheet HTML 4Page - ON Semiconductor MC100LVELT23MNRG Datasheet HTML 5Page - ON Semiconductor MC100LVELT23MNRG Datasheet HTML 6Page - ON Semiconductor MC100LVELT23MNRG Datasheet HTML 7Page - ON Semiconductor MC100LVELT23MNRG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC100LVELT23
www.onsemi.com
3
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Power Supply
GND = 0 V
3.8
V
VI
Input Voltage
GND = 0 V,
VI not more positive than VCC
3.8
V
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature
−65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
SOIC−8 NB
190
130
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
SOIC−8 NB
41 to 44 ± 5%
°C/W
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
TSSOP−8
185
140
°C/W
qJC
Thermal Resistance (Junction-to-Case)
Standard Board
TSSOP−8
41 to 44 ± 5%
°C/W
qJA
Thermal Resistance (Junction-to-Ambient)
0 lfpm
500 lfpm
DFN−8
129
84
°C/W
Tsol
Wave Solder
Pb-Free
< 2 to 3 sec @ 260°C
265
°C
qJC
Thermal Resistance (Junction-to-Case)
(Note 1)
DFN−8
35 to 40
°C/W
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. JEDEC standard multilayer board − 2S2P (2 signal, 2 power)
Table 4. LVPECL INPUT DC CHARACTERISTICS (VCC = 3.3 V; GND = 0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
ICCH
Power Supply Current (Outputs set to HIGH)
10
20
35
10
20
35
10
20
35
mA
ICCL
Power Supply Current (Outputs set to LOW)
15
27
40
15
27
40
15
27
40
mA
VIH
Input HIGH Voltage (Note 3)
2135
2420
2135
2420
2135
2420
mV
VIL
Input LOW Voltage (Note 3)
1490
1825
1490
1825
1490
1825
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(Notes 2 and 3)
1.2
VCC
1.2
VCC
1.2
VCC
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D −150
−150
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. All values vary 1:1 with VCC. VCC can vary ±0.3 V.
2. VIHCMR min varies 1:1 with GND, max varies 1:1 with VCC.
3. LVTTL output RL = 500 W to GND.


Số phần tương tự - MC100LVELT23MNRG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVELT23MNR4 ONSEMI-MC100LVELT23MNR4 Datasheet
137Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
MC100LVELT23MNR4G ONSEMI-MC100LVELT23MNR4G Datasheet
137Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com