công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100LVELT22 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC100LVELT22
Giải thích chi tiết về linh kiện  3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVELT22 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC100LVELT22 Datasheet HTML 1Page - ON Semiconductor MC100LVELT22 Datasheet HTML 2Page - ON Semiconductor MC100LVELT22 Datasheet HTML 3Page - ON Semiconductor MC100LVELT22 Datasheet HTML 4Page - ON Semiconductor MC100LVELT22 Datasheet HTML 5Page - ON Semiconductor MC100LVELT22 Datasheet HTML 6Page - ON Semiconductor MC100LVELT22 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC100LVELT22
www.onsemi.com
3
Table 4. LVPECL DC CHARACTERISTICS VCC = 3.3 V; GND = 0.0 V (Note 3)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
ICC
Power Supply Current
28
28
29
mA
VOH
Output HIGH Voltage (Note 4)
2275
2420
2275
2420
2275
2420
mV
VOL
Output LOW Voltage (Note 4)
1490
1680
1490
1680
1490
1680
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
3. Output parameters vary 1:1 with VCC. VCC can vary ±0.15 V.
4. Outputs are terminated through a 50 ohm resistor to VCC−2 V.
Table 5. LVTTL/LVCMOS INPUT DC CHARACTERISTICS VCC = 3.3 V; TA = −40°C to 85°C (Note 5)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
IIH
Input HIGH Current
20
mA
VIN = 2.7 V
IIHH
Input HIGH Current
100
mA
VIN = VCC
IIL
Input LOW Current
−0.2
mA
VIN = 0.5 V
VIK
Input Clamp Diode Voltage
−1.2
V
IIN = −18 mA
VIH
Input HIGH Voltage
2.0
3.3
V
VIL
Input LOW Voltage
0
0.8
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
5. VCC can vary ±0.15 V.
Table 6. AC CHARACTERISTICS VCC = 3.3 V; GND = 0.0 V (Note 6)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
350
MHz
t
PLH
Propagation Delay (Note 7)
200
350
600
200
350
600
200
350
600
ps
t
skew
Skew
Output−to−Output
Part−to−Part
30
100
400
30
100
400
30
100
400
ps
t
JITTER
Random Clock Jitter (RMS)
2.1
1.1
1.9
1.6
ps
tjit(f)
Additive RMS Phase Jitter
fc = 50 MHz, Integration Range: 12 kHz
to 20 MHz (See Figure 2)
219
fs
t
r
/t
f
Output Rise/Fall Time (20−80%)
200
550
200
500
200
500
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
6.
VCC can vary ±0.15 V. Outputs are terminated through a 50 W resistor to VCC − 2 V.
7. Specifications for standard TTL input signal.


Số phần tương tự - MC100LVELT22

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
MC100LVELT22D ONSEMI-MC100LVELT22D Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
MC100LVELT22D ONSEMI-MC100LVELT22D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVELT22DG ONSEMI-MC100LVELT22DG Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
More results

Mô tả tương tự - MC100LVELT22

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_07 Datasheet
80Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
March, 2007 ??Rev. 5
logo
Fairchild Semiconductor
100LVELT22 FAIRCHILD-100LVELT22 Datasheet
119Kb / 5P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
Micrel Semiconductor
SY100EPT22V MICREL-SY100EPT22V Datasheet
88Kb / 8P
   3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
logo
Renesas Technology Corp
85322 RENESAS-85322 Datasheet
323Kb / 14P
   Dual LVCMOS / LVTTL-to-Differential 2.5V / 3.3V LVPECL Translator
January 20, 2016
ICS85322I RENESAS-ICS85322I Datasheet
714Kb / 17P
   Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator
MARCH 6, 2014
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com