công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC100LVELT20DG bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
MC100LVELT20DG bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 6 page MC100LVELT20 www.onsemi.com 2 1 2 3 45 6 7 8 D GND VCC Q NC Q NC NC LVTTL LVPECL Figure 1. 8-Lead Pinout and Logic Diagram (Top View) Table 1. PIN DESCRIPTION Pin Function Q, Q Differential PECL Outputs D LVTTL Input VCC Positive Supply GND Ground NC No Connect Table 2. ATTRIBUTES Characteristics Value Internal Input Pulldown Resistor N/A Internal Input Pullup Resistor N/A ESD Protection Human Body Model Machine Model Charged Device Model > 1.5 kV > 200 V > 2 kV Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1) Pb-Free Pkg SOIC−8 NB Level 1 Flammability Rating Oxygen Index: 28 to 34 UL 94 V−0 @ 0.125 in Transistor Count 150 Devices Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test 1. For additional information, see Application Note AND8003/D. Table 3. MAXIMUM RATINGS Symbol Parameter Condition 1 Condition 2 Rating Unit VCC Power Supply GND = 0 V 6 V VI Input Voltage GND = 0 V VI ≤ VCC 6 V Iout Output Current Continuous Surge 50 100 mA TA Operating Temperature Range −40 to +85 °C Tstg Storage Temperature Range −65 to +150 °C qJA Thermal Resistance (Junction-to-Ambient) 0 lfpm 500 lfpm SOIC−8 NB 190 130 °C/W qJC Thermal Resistance (Junction-to-Case) Standard Board SOIC−8 NB 41 to 44 °C/W Tsol Wave Solder (Pb-Free) 265 °C Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. |
Số phần tương tự - MC100LVELT20DG |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |