công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100LVEL92 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC100LVEL92
Giải thích chi tiết về linh kiện  5V Triple PECL Input to LVPECL Output Translator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL92 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC100LVEL92 Datasheet HTML 1Page - ON Semiconductor MC100LVEL92 Datasheet HTML 2Page - ON Semiconductor MC100LVEL92 Datasheet HTML 3Page - ON Semiconductor MC100LVEL92 Datasheet HTML 4Page - ON Semiconductor MC100LVEL92 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 13
1
Publication Order Number:
MC100LVEL92/D
MC100LVEL92
5V Triple PECL Input to
LVPECL Output Translator
Description
The MC100LVEL92 is a triple PECL input to LVPECL output
translator. The device receives standard PECL signals and translates
them to differential LVPECL output signals.
To accomplish the PECL to LVPECL level translation, the
MC100LVEL92 requires three power rails. The VCC supply is to be
connected to the standard 5 V PECL supply, the LVCC supply is to be
connected to the 3.3 V LVPECL supply, and Ground is connected to
the system ground plane. Both the VCC and LVCC should be bypassed
to ground with 0.01
mF capacitors.
The PECL VBB pin, an internally generated voltage supply, is
available to this device only. For single-ended input conditions, the
unused differential input is connected to VBB as a switching reference
voltage. VBB may also rebias AC coupled inputs. When used,
decouple VBB and VCC via a 0.01 mF capacitor and limit current
sourcing or sinking to 0.5 mA. When not used, VBB should be
left open.
Features
500 ps Propagation Delays
5 V and 3.3 V Supplies Required
ESD Protection: Human Body Model; > 2 kV,
Machine Model; > 200 V
The 100 Series Contains Temperature Compensation
LVPECL Operating Range: LVCC = 3.0 V to 3.8 V
PECL Operating Range: VCC = 4.5 V to 5.5 V
Internal Input Pulldown Resistors
Q Output will Default LOW with Inputs Open or < GND + 1.3 V
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity: Level 3 (Pb−Free)
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index 28 to 34
Transistor Count = 247 devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
www.onsemi.com
MARKING DIAGRAM*
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
SOIC−20 WB
DW SUFFIX
CASE 751D
20
1
100LVEL92
AWLYYWWG
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
*For additional marking information, refer to
Application Note AND8002/D.
ORDERING INFORMATION
Device
Package
Shipping
MC100LVEL92DWG
SOIC−20 WB
(Pb-Free)
38 Units/Tube
MC100LVEL92DWR2G SOIC−20 WB
(Pb-Free)
1000/Tape & Reel


Số phần tương tự - MC100LVEL92

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
71Kb / 3P
   Triple PECL to LVPECL Translator?
1997 REV 2
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL92 ONSEMI-MC100LVEL92 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100LVEL92DW ONSEMI-MC100LVEL92DW Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
MC100LVEL92DWG ONSEMI-MC100LVEL92DWG Datasheet
112Kb / 6P
   5V Triple PECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com