công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100LVEL51 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC100LVEL51
Giải thích chi tiết về linh kiện  3.3V ECL Differential Clock D Flip?륡lop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL51 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC100LVEL51 Datasheet HTML 1Page - ON Semiconductor MC100LVEL51 Datasheet HTML 2Page - ON Semiconductor MC100LVEL51 Datasheet HTML 3Page - ON Semiconductor MC100LVEL51 Datasheet HTML 4Page - ON Semiconductor MC100LVEL51 Datasheet HTML 5Page - ON Semiconductor MC100LVEL51 Datasheet HTML 6Page - ON Semiconductor MC100LVEL51 Datasheet HTML 7Page - ON Semiconductor MC100LVEL51 Datasheet HTML 8Page - ON Semiconductor MC100LVEL51 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 7
1
Publication Order Number:
MC100LVEL51/D
MC100LVEL51
3.3 V ECL Differential Clock
D Flip‐Flop
Description
The MC100LVEL51 is a differential clock D flip-flop with reset. The
device is functionally equivalent to the EL51 device, but operates from
a 3.3 V supply. With propagation delays and output transition times
essentially equal to the EL51, the LVEL51 is ideally suited for those
applications which require the ultimate in AC performance at 3.3 V VCC.
The reset input is an asynchronous, level triggered signal. Data enters
the master portion of the flip-flop when the clock is LOW and is
transferred to the slave, and thus the outputs, upon a positive transition of
the clock. The differential clock inputs of the LVEL51 allow the device to
be used as a negative edge triggered flip-flop.
The differential input employs clamp circuitry to maintain stability
under open input conditions. When left open, the CLK input will be
pulled down to VEE and the CLK input will be biased at VCC/2.
Features
475 ps Propagation Delay
2.8 GHz Toggle Frequency
ESD Protection: > 4 kV Human Body Model,
> 200 V Machine Model
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range: VCC = 3.0 V to 3.8 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −3.8 V
Internal Input Pulldown Resistors
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level
Level 1 for SOIC−8 NB
Level 3 for TSSOP−8
Level 1 for DFN−8
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 114 devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAMS*
KV51
ALYWG
G
SOIC−8 NB
D SUFFIX
CASE 751
1
8
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
www.onsemi.com
KVL51
ALYW
G
1
8
DFN−8
MN SUFFIX
CASE 506AA
14
(Note: Microdot may be in either location)
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
M = Date Code
G = Pb-Free Package
SOIC−8
TSSOP−8
DFN−8
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ORDERING INFORMATION
Device
Package
Shipping
MC100LVEL51DG
SOIC−8 NB
(Pb-Free)
98 Units/Tube
MC100LVEL51DR2G
SOIC−8 NB
(Pb-Free)
2500/Tape & Reel
TSSOP−8
(Pb-Free)
MC100LVEL51DTR2G
2500/Tape & Reel
TSSOP−8
(Pb-Free)
MC100LVEL51DTG
100 Units/Tube
DFN−8
(Pb-Free)
MC100LVEL51MNR4G
1000/Tape & Reel


Số phần tương tự - MC100LVEL51

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVEL51 ONSEMI-MC100LVEL51 Datasheet
82Kb / 3P
   Differential Clock D Flip-Flop
1996 REV 1
MC100LVEL51 ONSEMI-MC100LVEL51 Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
MC100LVEL51D ONSEMI-MC100LVEL51D Datasheet
82Kb / 3P
   Differential Clock D Flip-Flop
1996 REV 1
MC100LVEL51D ONSEMI-MC100LVEL51D Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
MC100LVEL51D ONSEMI-MC100LVEL51D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com