công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST16C454IJ68 bảng dữ liệu(PDF) 6 Page - Exar Corporation

tên linh kiện ST16C454IJ68
Giải thích chi tiết về linh kiện  QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C454IJ68 bảng dữ liệu(HTML) 6 Page - Exar Corporation

Back Button ST16C454IJ68 Datasheet HTML 2Page - Exar Corporation ST16C454IJ68 Datasheet HTML 3Page - Exar Corporation ST16C454IJ68 Datasheet HTML 4Page - Exar Corporation ST16C454IJ68 Datasheet HTML 5Page - Exar Corporation ST16C454IJ68 Datasheet HTML 6Page - Exar Corporation ST16C454IJ68 Datasheet HTML 7Page - Exar Corporation ST16C454IJ68 Datasheet HTML 8Page - Exar Corporation ST16C454IJ68 Datasheet HTML 9Page - Exar Corporation ST16C454IJ68 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ST16C454/68C454
6
Rev. 3.20
under R/-W.
-IRQ
15
O
Interrupt Request or Interrupt “A” - This function is associated with
the 68 mode only. In the 68 mode, interrupts from UART channels
A-D are WIRE-OR’ed” internally to function as a single IRQ
interrupt. This pin transitions to a logic 0 (if enabled by the interrupt
enable register) whenever a UART channel(s) requires service.
Individual channel interrupt status can be determined by address-
ing each channel through its associated internal register, using -
CS and A3-A4. In the 68 mode an external pull-up resistor must be
connected between this pin and VCC. The function of this pin
changes to INTA when operating in the 16 mode, see definition
under INTA.
-RESET
RESET
37
I
Reset. - In the 16 mode a logic 1 on this pin will reset the internal
registers and all the outputs. The UART transmitter output and the
receiver input will be disabled during reset time. (See ST16C454
External Reset Conditions for initialization details.) When 16/-68
is a logic 0 (68 mode), this pin functions similarly but, as an inverted
reset interface signal, -RESET.
R/-W
18
I
Read/Write Strobe (active low) - This function is associated with
the 68 mode only. This pin provides the combined functions for
Read or Write strobes. A logic 1 to 0 transition transfers the
contents of the CPU data bus (D0-D7) to the register selected by
-CS and A0-A4. Similarly a logic 0 to 1 transition places the
contents of a 454 register selected by -CS and A0-A4 on the data
bus, D0-D7, for transfer to an external CPU.
VCC
13
VCC
47,64
I
Power supply inputs.
XTAL1
35
I
Crystal or External Clock Input - Functions as a crystal input or as
an external clock input. A crystal can be connected between this
pin and XTAL2 to form an internal oscillator circuit (see figure 8).
Alternatively, an external clock can be connected to this pin to
provide custom data rates (see Baud Rate Generator Program-
ming).
XTAL2
36
O
Output of the Crystal Oscillator or Buffered Clock - (See also
XTAL1). Crystal oscillator output or buffered clock output.
Symbol
Pin
Signal
Pin Description
type
SYMBOL DESCRIPTION


Số phần tương tự - ST16C454IJ68

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST16C454IJ68 EXAR-ST16C454IJ68 Datasheet
177Kb / 29P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
More results

Mô tả tương tự - ST16C454IJ68

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST16C454 EXAR-ST16C454_05 Datasheet
177Kb / 29P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
NXP Semiconductors
SCC2691 PHILIPS-SCC2691 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
logo
IMP, Inc
IMP16C554 IMP-IMP16C554 Datasheet
510Kb / 20P
   Quad Universal Asynchronous Receiver/Transmitter (UART) with FIFOs
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com