công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U1190 bảng dữ liệu(PDF) 6 Page - Keysight Technologies

tên linh kiện U1190
Giải thích chi tiết về linh kiện  Clamp Meters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1190 bảng dữ liệu(HTML) 6 Page - Keysight Technologies

Back Button U1190 Datasheet HTML 2Page - Keysight Technologies U1190 Datasheet HTML 3Page - Keysight Technologies U1190 Datasheet HTML 4Page - Keysight Technologies U1190 Datasheet HTML 5Page - Keysight Technologies U1190 Datasheet HTML 6Page - Keysight Technologies U1190 Datasheet HTML 7Page - Keysight Technologies U1190 Datasheet HTML 8Page - Keysight Technologies U1190 Datasheet HTML 9Page - Keysight Technologies U1190 Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Electrical Speciications
Speciication assumptions:
Accuracy is given as ± (% of reading + counts of least significant digit) at 23 °C ± 5 °C, with relative humidity less than 80% RH. AC voltage
and AC current specifications for U1193A and U1194A are AC coupled, true rms and are valid from 5% of range to 100% of range. The crest
factor may be up to 3.0 at 4,000 counts. For non-sinusoidal waveforms, add additional accuracy of (2% reading + 2% full scale) typically. In
the EMC RF field of 3 V/m, total accuracy is specified as specified accuracy + 30 digits for all functions.
DC speciications
Function
Range
Resolution
Accuracy
U1191A
U1192A
U1193A
U1194A
Voltage
60 V
0.01 V
0.5% + 3
0.5% + 3
0.5% + 3
600 V
0.1 V
0.5% + 3
0.5% + 3
0.5% + 3
0.5% + 3
Resistance
600 Ω
0.1 Ω
0.8% + 5
0.8% + 5
0.8% + 5
0.8% + 5
6 kΩ
0.001 kΩ
0.8% + 3
0.8% + 3
0.8% + 3
0.8% + 3
60 kΩ
0.01 kΩ
0.8% + 3
0.8% + 3
0.8% + 3
Diode
1.5 V
0.001 V
1.0% + 3
1.0% + 3
1.0% + 3
1.0% + 3
Current
60 µA
0.01 µA
1.0% + 5
600 µA
0.1 µA
1.0% + 5
60 A
0.01 A
2.0% + 5
600 A
0.1 A
2.0% + 5
Notes for DC voltage specification:
1. Input impedance of 10 MΩ.
Notes for resistance specifications:
1. Overload protection: 600 Vrms for short circuits with < 0.1 mA current.
2. Maximum open voltage is < 1.4 V.
3. The accuracy is specified after the Relative function is used to subtract the test lead resistance and thermal effect (by shorting the test leads).
Notes for diode specifications:
1. Overload protection: 600 Vrms for short circuits with < 0.4 mA current.
2. Maximum open voltage is 1.8 V.
3. Built-in buzzer beeps continuously when the voltage measured is less than 100 mV and beeps once for forward-biased diode or semiconductor
junctions measured between 0.3 and 0.8 V (0.3 V ≤ reading ≤ 0.8 V).
Notes for DC current specifications:
1. DC current measurement is only available for U1194A model.
2. 60 to 600 A ranges are from clamp current measurement. 60 to 600 µA ranges are from digital multimeter measurement.
3. Overload protection for 60 to 600 A range: 600 Arms.
4. Position error: 1% from reading.
5. Use Relative mode to zero residual offset.


Số phần tương tự - U1190

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
U1190 KEYSIGHT-U1190 Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Mô tả tương tự - U1190

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ASM GmbH
9290-10 ASM-SENSOR-9290-10 Datasheet
104Kb / 1P
   Clamp Meters
logo
Keysight Technologies
U1210 KEYSIGHT-U1210 Datasheet
2Mb / 17P
   Handheld Clamp Meters
logo
Extech Instruments Corp...
EX710 EXTECH-EX710 Datasheet
319Kb / 12P
   800 Amp Clamp Meters
380941 EXTECH-380941_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380947 EXTECH-380947_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942 Datasheet
327Kb / 1P
   Mini DC/AC Clamp Meters
MA640 EXTECH-MA640_15 Datasheet
352Kb / 1P
   600A True RMS Clamp Meters NCV
MA430T EXTECH-MA430T Datasheet
364Kb / 1P
   MA430 Series 400A Clamp Meters NCV
MA620 EXTECH-MA620_15 Datasheet
352Kb / 1P
   600A True RMS Clamp Meters NCV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com