công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U1230 bảng dữ liệu(PDF) 6 Page - Keysight Technologies

tên linh kiện U1230
Giải thích chi tiết về linh kiện  Digital Multimeters (DMMs)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1230 bảng dữ liệu(HTML) 6 Page - Keysight Technologies

Back Button U1230 Datasheet HTML 2Page - Keysight Technologies U1230 Datasheet HTML 3Page - Keysight Technologies U1230 Datasheet HTML 4Page - Keysight Technologies U1230 Datasheet HTML 5Page - Keysight Technologies U1230 Datasheet HTML 6Page - Keysight Technologies U1230 Datasheet HTML 7Page - Keysight Technologies U1230 Datasheet HTML 8Page - Keysight Technologies U1230 Datasheet HTML 9Page - Keysight Technologies U1230 Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical Specifications
DC specifications
Function
Range
Resolution
Accuracy ±
(% of reading + counts of
least significant digit)
Test
current
Burden
voltage/
shunt
Input
impedance
U1231A/U1232A/
U1233A
Where
(applicable)
Where
(applicable)
Where
(applicable)
Voltage
600 mV1
0.1 mV
0.5% + 2
NA
NA
11.18 MΩ
6 V
0.001 V
0.5% + 2
NA
NA
11.18 MΩ
60 V
0.01 V
0.5% + 2
NA
NA
10.1 MΩ
600 V
0.1 V
0.5% + 2
NA
NA
10 MΩ
600 V (VZ
LOW)
2
0.1 V
2% + 3
NA
NA
3 kΩ
Resistance
600 Ω4
0.1 Ω
0.9% + 3
0.57 mA
NA
NA
6 kΩ4
0.001 kΩ
0.9% + 3
57 μA
NA
NA
60 kΩ
0.01 kΩ
0.9% + 3
5.7 μA
NA
NA
600 kΩ
0.1 kΩ
0.9% + 3
570 nA
NA
NA
6 MΩ5
0.001 MΩ
0.9% + 3
100 nA/10 MΩ
NA
NA
60 MΩ5
0.01 MΩ
1.5% + 3
100 nA/10 MΩ
NA
NA
Diode3
2 V
0.001 V
0.9% + 2
0.57 mA
NA
NA
Current4
60 μA1
0.01 μA
1.0% + 2
NA
< 2.5 V/1 kΩ
NA
600 μA1
0.1 μA
1.0% + 2
NA
< 2.5 V/1 kΩ
NA
6 A2,5
0.001 A
1.0% + 3
NA
< 0.2 V/0.005 Ω
NA
10 A2, 3
0.01 A
1.0% + 3
NA
< 0.4 V/0.005 Ω
NA
Notes for DC voltage specifications:
1. The accuracy of the 600 mV range is specified after the Null function is used to subtract the thermal effect (by shorting the test leads).
2. For VZ
LOW (low input impedance) measurements, auto-ranging is disabled and the multimeter’s range is set to 600 V in the manual
ranging mode.
Notes for resistance specifications:
1. Overload protection: 600 Vrms for short circuits with < 0.3 A current.
2. Maximum open voltage is < +3 V.
3. Built-in buzzer beeps when the resistance measured is less than 23 Ω ± 10 Ω. The multimeter can capture intermittent measurements longer
than 1 ms.
4. The accuracy of the 600 Ω to 6 kΩ range is specified after the Null function is used to subtract the test lead resistance and thermal effect (by
shorting the test leads).
5. For the ranges of 6 MΩ and 60 MΩ, the RH is specified for < 60%.
Notes for diode specifications:
1. Overload protection: 600 Vrms for short circuits with < 0.3 A current.
2. Built-in buzzer beeps continuously when the voltage measured is less than 50 mV and beeps once for forward-biased diode or semiconductor
junctions measured between 0.3 V and 0.8 V (0.3 V ≤ reading ≤ 0.8 V).
3. Open voltage for diode: < +3 V DC.
4. The maximum display for diode measurements is 2100 counts.
Notes for DC current specifications:
1. Overload protection for 60 μA to 600 μA range: 600 Vrms for short circuits with < 0.3 A current.
2. Overload protection for 6 A to 10 A range: 11 A/1000 V; 10 × 38 mm fast-acting fuse.
3. Specification for 10 A range: 10 A continuous. Add 0.3% to the specified accuracy when measuring signals > 10 A to 20 A for 30 seconds
maximum. After measuring currents > 10 A, cool down the multimeter for twice the duration of the measured time before proceeding with
low current measurements.
4. Only applicable for the U1232A/U1233A model
5. DC current between ± (0.6 mA and 1 mA) is not measureable on the U1232A and U1233A models.
06 | Keysight | U1230 Series Handheld Digital Multimeters (DMMs) - Data Sheet


Số phần tương tự - U1230

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
U1230 HP-U1230 Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
More results

Mô tả tương tự - U1230

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
   Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
   Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
   Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
   Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
   Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
   Digital Multimeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
   Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
   Digital Multimeters
logo
Keysight Technologies
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
   Digital Multimeters
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
   Digital Mini MultiMeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com