công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U1270 bảng dữ liệu(PDF) 3 Page - Keysight Technologies

tên linh kiện U1270
Giải thích chi tiết về linh kiện  Digital Multimeters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1270 bảng dữ liệu(HTML) 3 Page - Keysight Technologies

  U1270 Datasheet HTML 1Page - Keysight Technologies U1270 Datasheet HTML 2Page - Keysight Technologies U1270 Datasheet HTML 3Page - Keysight Technologies U1270 Datasheet HTML 4Page - Keysight Technologies U1270 Datasheet HTML 5Page - Keysight Technologies U1270 Datasheet HTML 6Page - Keysight Technologies U1270 Datasheet HTML 7Page - Keysight Technologies U1270 Datasheet HTML 8Page - Keysight Technologies U1270 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Key Functions
Water and dust resistance (IP54)
The series’ tightly sealed design helps
protect against water, dust and damage.
Each handheld DMM is certified with IP 54
ratings so that you can carry out tests and
measurements with confidence, even in
harsh working conditions.
Operational up to 3000
meters altitude
For high altitude applications such as
wind farm maintenance, you can measure
with confidence using the U1270 Series,
capable of measuring up to 3000 meters
above sea level.
High measurement rate at seven
readings per second for Voltage
and Current
You can detect even the slightest change
in your sensitive signals (Voltage and Cur-
rent) with its high measurement rate capa-
bility. By clicking the resettable smooth
function button, you may customize the
readings’ sensitivity suitable for various
tests.
Visual alert for continuity test
(for U1271A and U1272A only)
Continuity detection in noisy and dark
environments is made easy with U1270
Series’ loud beeper and flashing backlight
that indicates continuity and thus im-
proves safety.
Up to 10,000 recording points
for manual, auto and event log-
ging
Record measurements on-the-go and
transfer data to PC conveniently with the
huge internal memory of up to 10,000
recording points. The GUI Data Logging
software and optional U1173A IR-USB
cable are required to transfer data or per-
form real time data logging on a PC.
Built-in Low Pass Filter
The U1270 Series offers a 1 kHz LPF or
Low Pass Filter to provide accurate Vari-
able Frequency Drive (VFD) output mea-
surements. This function eliminates high
frequency noise and harmonics, ensuring
motor filter efficiency.
Figure 1. Comparison of voltage output from industrial motor VFD without and with Low Pass Filter functionality.
3 | Keysight | U1270 Series Handheld Digital Multimeters - Data Sheet


Số phần tương tự - U1270

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
More results

Mô tả tương tự - U1270

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
   Digital Multimeters
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
   Digital Multimeters
34470A KEYSIGHT-34470A Datasheet
3Mb / 23P
   Digital Multimeters
U1250 KEYSIGHT-U1250 Datasheet
2Mb / 15P
   Digital Multimeters
logo
List of Unclassifed Man...
34460A ETC-34460A Datasheet
2Mb / 28P
   Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
   Digital Multimeters
logo
Keysight Technologies
34460A KEYSIGHT-34460A Datasheet
3Mb / 23P
   Digital Multimeters
logo
TEKTRONIX, INC.
DMM4020 TEKTRONIX-DMM4020 Datasheet
864Kb / 12P
   Digital Multimeters
logo
Keysight Technologies
34461A KEYSIGHT-34461A Datasheet
3Mb / 23P
   Digital Multimeters
logo
Extech Instruments Corp...
MN35 EXTECH-MN35_15 Datasheet
294Kb / 1P
   Digital Mini MultiMeters
MV110 EXTECH-MV110 Datasheet
240Kb / 13P
   Digital MultiMeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com