công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U1240 bảng dữ liệu(PDF) 7 Page - Keysight Technologies

tên linh kiện U1240
Giải thích chi tiết về linh kiện  Handheld Digital Multimeters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1240 bảng dữ liệu(HTML) 7 Page - Keysight Technologies

  U1240 Datasheet HTML 1Page - Keysight Technologies U1240 Datasheet HTML 2Page - Keysight Technologies U1240 Datasheet HTML 3Page - Keysight Technologies U1240 Datasheet HTML 4Page - Keysight Technologies U1240 Datasheet HTML 5Page - Keysight Technologies U1240 Datasheet HTML 6Page - Keysight Technologies U1240 Datasheet HTML 7Page - Keysight Technologies U1240 Datasheet HTML 8Page - Keysight Technologies U1240 Datasheet HTML 9Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
07 | Keysight | U1240 Series Handheld Digital Multimeters - Data Sheet
Ordering Information
Standard shipped accessories
Four 1.5 V AAA alkaline batteries
Certificate of Calibration (CoC)
Test probe leads (4-mm tips)
Quick Start Guide
Free test data (Option UK6)
Optional accessories
Measuring accessories (non-temperature)
U1161A
Extended test
lead kit
Includes two test leads (red and black), two test probes, medium-sized alligator
clips and 4-mm banana plugs.
– Test leads: CAT III 1000 V, CAT IV 600 V, 15 A
– Test probes: CAT lll 1000 V, CAT lV 600 V, 15 A
– Medium-sized alligator clips: CAT III 1000 V, CAT IV 600 V, 15 A
– 4-mm banana plugs: CAT II 600 V, 10 A
U1162A
Alligator clips
– One pair of insulated alligator clips (red and black). Recommended for use
with Keysight standard test leads.
– Rated CAT III 1000 V, CAT IV 600 V, 15 A
U1163A
SMT grabbers
– One pair of SMT grabbers (red and black). Recommended for use with
Keysight standard test leads.
– Rated CAT II 300 V, 3 A
U1164A
Fine-tip test probes
– One pair of fine-tip test probes (red and black). Recommended for use with
Keysight standard test leads.
– Rated CAT II 300 V, 3 A
U1168A
Standard test lead kit
Includes two test leads (red and black), 19-mm and 4-mm test probes, alligator
clips, fine-tip test probes, SMT grabbers and mini grabber (black).
– Test leads: CAT III 1000 V, CAT IV 600 V, 15 A
– Test probes (19-mm tip): CAT II 1000 V, 15 A
– Test probes (4-mm tip): CAT III 1000 V, CAT IV 600 V, 15 A
(highly recommended for CAT IV environment)
– Alligator clips: CAT III 1000 V, CAT IV 600 V, 15 A
– Fine-tip test probes: CAT II 300 V, 3 A
– SMT grabber: CAT II 300 V, 3 A
– Mini grabber: CAT II 300 V, 3 A
U1169A
Test probe leads
Includes two test leads (red and black), and a pair each of 19-mm and 4-mm
test probes.
– Test leads: CAT III 1000 V, CAT IV 600 V, 15 A
– Test probes (19-mm tip): CAT II 1000 V, 15 A
– Test probes (4-mm tip): CAT III 1000 V, CAT IV 600 V, 15 A
(highly recommended for CAT IV environment)
U1583B
AC current clamp
– Dual range: 40 A and 400 A
– Rated CAT III 600 V
– BNC-to-banana-plug adapter provided for use with DMMs
U1241B
U1242B


Số phần tương tự - U1240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
More results

Mô tả tương tự - U1240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com