công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U1240 bảng dữ liệu(PDF) 5 Page - Keysight Technologies

tên linh kiện U1240
Giải thích chi tiết về linh kiện  Handheld Digital Multimeters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1240 bảng dữ liệu(HTML) 5 Page - Keysight Technologies

  U1240 Datasheet HTML 1Page - Keysight Technologies U1240 Datasheet HTML 2Page - Keysight Technologies U1240 Datasheet HTML 3Page - Keysight Technologies U1240 Datasheet HTML 4Page - Keysight Technologies U1240 Datasheet HTML 5Page - Keysight Technologies U1240 Datasheet HTML 6Page - Keysight Technologies U1240 Datasheet HTML 7Page - Keysight Technologies U1240 Datasheet HTML 8Page - Keysight Technologies U1240 Datasheet HTML 9Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
05 | Keysight | U1240 Series Handheld Digital Multimeters - Data Sheet
Electrical Specifications
Switch counter definition
Switch condition1, 2
Circuit switch
Display3
Switch threshold
Low level
Normally close
Lo
< 370 ohms
Intermittent4
Close to open
Number of switch count
Low to high transition
High level
Normally open
Hi
> 430 ohms
Intermittent5
Open to close
Number of switch count
High to low transition
1. Detects intermittent Opens or Closes lasting for at least 250 μsec.
2. Test current of 0.5 mA with maximum open circuit voltage of 2.8 V is used.
3. Maximum count reading: 199.99 M (display “OL” when achieving 2 x 108 and thereafter).
4. Count only low to high transition for initial switch condition of Low.
5. Count only high to low transition for initial switch condition of High.
Frequency specifications
Range
Resolution
Accuracy
Minimum input frequency
100.00 Hz
0.01 Hz
0.03%+3
1 Hz
1000.0 Hz
0.1 Hz
10.000 kHz
0.001 kHz
100.00 kHz
0.01 kHz
1000.0 kHz1
0.1 kHz
1. Effective frequency measurement of up to 200 kHz; refer to frequency sensitivity table below for details.
Frequency sensitivity during voltage measurement
Input range (Maximum input for specified accuracy = 10 x Range or 1000 V)
Minimum sensitivity (RMS sine wave)
20 Hz to 50 kHz
50 to 200 kHz
1000.0 mV
0.3 V
0.6 V
10.000 V
0.5 V
1.8 V
100.00 V
5 V
10 V (< 100 kHz)
1000.0 V
50 V
100 V (< 100 kHz)
Frequency sensitivity during current measurement
Input range
Minimum sensitivity (RMS sine wave)
20 Hz to 20 kHz
1000.0 µA
100 µA
10000 µA
500 µA
100.00 mA
10 mA
440.00 mA
50 mA
10.000 A
1 A


Số phần tương tự - U1240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
More results

Mô tả tương tự - U1240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com