công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS12L bảng dữ liệu(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

tên linh kiện SS12L
Giải thích chi tiết về linh kiện  1.0AMP. SCHOTTKY BARRIER RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Trang chủ  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

SS12L bảng dữ liệu(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  SS12L Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 319 -
SS12L THRU SS16L
1.0AMP. SCHOTTKY BARRIER RECTIFIERS
FEATURE
.
For surface mounted application
.
High current capability
.
Low forward voltage drop
.
Low power loss, high efficiency
.
High surge current capability
.
High temperature soldering guaranteed 260°C/10 seconds at
terminals.
.
For surface mounted application.
.
Easy pick and place.
MECHANICAL DATA
.
Terminal: Solder plaated
.
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
.
Polarity: color band denotes cathode
.
Packaging:12mm tape per EIA STD RS-481
SMA/SOD214AC
NO
Fig1(mm)
Fig2(mm)
A
1.9~2.4
1.98~2.3
B
1.2~1.8
1.35~1.6
C
0.23MAX
0.2MAX
D
2.4~2.9
2.4~2.9
E
3.8~4.6
3.8~4.6
F
0.8~1.8
0.8~1.8
G
4.8~5.8
4.8~5.8
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL
SS12L
SS14L
SS16L
units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
40
60
V
Maximum RMS Voltage
VRMS
14
28
42
V
Maximum DC blocking Voltage
VDC
20
40
60
V
Maximum Average Forward Rectified Current at TL=90°C
IF(AV)
1.0
A
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
30.0
A
Maximum Forward Voltage at 1.0A DC
VF
0.38
0.43
0.53
V
Maximum DC Reverse Current at rated
DC blocking voltage
@TA=25°C
@TA =100°C
IR
0.5
50.0
mA
Typical Junction Capacitance (Note 1)
CJ
110
pF
Typical Thermal Resistance (Note 2)
R(JA)
88
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +125
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Measured on P.C. Board with 0.2×0.2”(5.0×5.0mm)Copper Pad Areas.
Fig2: SMA/DO-214AC
FOR GLASS PASSIVATED DICE PACKAGING OUTLINE
FOR OPEN JUNCTION DICE PACKAGING OUTLINE
Fig1: SMA/DO-214AC*


Số phần tương tự - SS12L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
SS12L TSC-SS12L Datasheet
50Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Silicon Standard Corp.
SS12L SSC-SS12L Datasheet
232Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SS12L PANJIT-SS12L Datasheet
84Kb / 3P
   LOW VF SURFACE MOUNT SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
SS12L TSC-SS12L Datasheet
545Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
SS12L TSC-SS12L Datasheet
204Kb / 4P
   Surface Mount Schottky Barrier Rectifier
More results

Mô tả tương tự - SS12L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
WILLAS ELECTRONIC CORP
SK12B WILLAS-SK12B Datasheet
284Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_12 Datasheet
250Kb / 4P
   1.0AMP. Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR120 YFWDIODE-SR120 Datasheet
73Kb / 2P
   1.0Amp Schottky Barrier Rectifiers
SR120-DO41 YFWDIODE-SR120-DO41 Datasheet
273Kb / 2P
   1.0Amp Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
1N5817S CHONGQING-1N5817S Datasheet
177Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
SB120L CHONGQING-SB120L Datasheet
176Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SR120 PACELEADER-SR120 Datasheet
439Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Chongqing Pingwei Enter...
MB140 CHONGQING-MB140 Datasheet
175Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SR102 LUGUANG-SR102 Datasheet
188Kb / 2P
   1.0AMP. Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
1N5817 CHONGQING-1N5817_16 Datasheet
177Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com