công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100LVEL05DG bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC100LVEL05DG
Giải thích chi tiết về linh kiện  3.3V ECL 2?륤nput Differential AND/NAND
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL05DG bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC100LVEL05DG Datasheet HTML 1Page - ON Semiconductor MC100LVEL05DG Datasheet HTML 2Page - ON Semiconductor MC100LVEL05DG Datasheet HTML 3Page - ON Semiconductor MC100LVEL05DG Datasheet HTML 4Page - ON Semiconductor MC100LVEL05DG Datasheet HTML 5Page - ON Semiconductor MC100LVEL05DG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 5
1
Publication Order Number:
MC100LVEL05/D
MC100LVEL05
3.3 V ECL 2‐Input Differential
AND/NAND
Description
The MC100LVEL05 is a 2-input differential AND/NAND gate. The
device is functionally equivalent to the MC100EL05 device and
operates from a 3.3 V supply voltage. With propagation delays and
output transition times equivalent to the EL05, the LVEL05 is ideally
suited for those applications which require the ultimate in AC
performance at low voltage power supplies.
Because a negative 2-input NAND is equivalent to a 2-input OR
function, the differential inputs and outputs of the device allows the
LVEL05 to also be used as a 2-input differential OR/NOR gate.
Features
340 ps Propagation Delay
High Bandwidth Output Transitions
ESD Protection:
> 4 kV Human Body Mode
> 200 V Machine Model
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range: VCC = 3.0 V to 3.8 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −3.8 V
Internal Input Pulldown Resistors
Q Output will Default LOW with All Inputs Open or at VEE
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity
Level 1 for SOIC−8
Level 3 for TSSOP−8
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 69 Devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAMS*
KV05
ALYWG
G
SOIC−8
D SUFFIX
CASE 751
1
8
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
www.onsemi.com
KVL05
ALYW
G
1
8
(Note: Microdot may be in either location)
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
M = Date Code
G = Pb-Free Package
SOIC−8
TSSOP−8
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ORDERING INFORMATION
Device
Package
Shipping
MC100LVEL05DG
SOIC−8
(Pb-Free)
98 Units/Tube
MC100LVEL05DR2G
SOIC−8
(Pb-Free)
2500/Tape & Reel
TSSOP−8
(Pb-Free)
MC100LVEL05DTR2G
2500/Tape & Reel
TSSOP−8
(Pb-Free)
MC100LVEL05DTG
100 Units/Tube


Số phần tương tự - MC100LVEL05DG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100LVEL05DG ONSEMI-MC100LVEL05DG Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com