công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100EPT25DG bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC100EPT25DG
Giải thích chi tiết về linh kiện  -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT25DG bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC100EPT25DG Datasheet HTML 1Page - ON Semiconductor MC100EPT25DG Datasheet HTML 2Page - ON Semiconductor MC100EPT25DG Datasheet HTML 3Page - ON Semiconductor MC100EPT25DG Datasheet HTML 4Page - ON Semiconductor MC100EPT25DG Datasheet HTML 5Page - ON Semiconductor MC100EPT25DG Datasheet HTML 6Page - ON Semiconductor MC100EPT25DG Datasheet HTML 7Page - ON Semiconductor MC100EPT25DG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC100EPT25
www.onsemi.com
4
Table 5. TTL OUTPUT DC CHARACTERISTICS (VCC = 3.3 V; VEE = −5.5 V to −3.0 V; GND = 0.0 V; TA = −40°C to 85°C)
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
IOH = −3.0 mA
2.2
V
VOL
Output LOW Voltage
IOL = 24 mA
0.5
V
ICCH
Power Supply Current
6
10
14
mA
ICCL
Power Supply Current
7
12
17
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 6. AC CHARACTERISTICS (VCC = 3.0 V to 3.6 V; VEE = −5.5 V to −3.0 V; GND = 0.0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency
(See Figure 2 Fmax/JITTER)
275
275
275
MHz
tPLH, tPHL Propagation Delay to Output Differential
(Cross-Point to 1.5 V)
500
950
1300
800
950
1600
800
960
1600
ps
tSKPP
Device-to-Device Skew (Note 2)
500
500
500
ps
tJITTER
Random Clock Jitter (RMS)
(See Figure 2 Fmax/JITTER)
0.2
< 1
0.2
< 1
0.2
< 1
ps
VPP
Input Voltage Swing (Differential)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q, Q
(0.8 V − 2.0 V)
300
900
474
1160
600
1400
300
900
459
1100
600
1400
300
900
457
1100
600
1400
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Measured with a 750 mV 50% duty-cycle clock source. RL = 500 W to GND and CL = 20 pF to GND. Refer to Figure 3.
2. Skews are measured between outputs under identical conditions.
0
400
800
1200
1600
2000
2400
2800
25
100
175
250
325
400
475
550
625
1
2
3
4
5
6
7
Figure 2. Fmax/Jitter
FREQUENCY (MHz)
(JITTER)
VOH
VOL  0.5 V


Số phần tương tự - MC100EPT25DG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EPT25DG ONSEMI-MC100EPT25DG Datasheet
138Kb / 9P
   ??.3V / ??V Differential ECL to 3.3V LVTTL Translator
December, 2006 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com