công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC100EPT21 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC100EPT21
Giải thích chi tiết về linh kiện  3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT21 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC100EPT21_12 Datasheet HTML 1Page - ON Semiconductor MC100EPT21_12 Datasheet HTML 2Page - ON Semiconductor MC100EPT21_12 Datasheet HTML 3Page - ON Semiconductor MC100EPT21_12 Datasheet HTML 4Page - ON Semiconductor MC100EPT21_12 Datasheet HTML 5Page - ON Semiconductor MC100EPT21_12 Datasheet HTML 6Page - ON Semiconductor MC100EPT21_12 Datasheet HTML 7Page - ON Semiconductor MC100EPT21_12 Datasheet HTML 8Page - ON Semiconductor MC100EPT21_12 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2012
September, 2012 − Rev. 22
1
Publication Order Number:
MC100EPT21/D
MC100EPT21
3.3V Differential
LVPECL/LVDS/CML to
LVTTL/LVCMOS Translator
The MC100EPT21 is a Differential LVPECL/LVDS/CML to
LVTTL/LVCMOS translator. Because LVPECL (Positive ECL),
LVDS, and positive CML input levels and LVTTL/LVCMOS output
levels are used, only +3.3 V and ground are required. The small
outline 8−lead SOIC package makes the EPT21 ideal for applications
which require the translation of a clock or data signal.
The VBB output allows this EPT21 to be cap coupled in either
single−ended or differential input mode. When single−ended cap
coupled, VBB output is tied to the D input and D is driven for a
non−inverting buffer, or VBB output is tied to the D input and D is
driven for an inverting buffer. When cap coupled differentially, VBB
output is connected through a resistor to each input pin. If used, the
VBB pin should be bypassed to VCC via a 0.01 mF capacitor. For
additional information see AND8020/D. For a single−ended direct
connection use an external voltage reference source such as a resistor
divider. Do not use VBB for a single−ended direct connection or port to
another device.
Features
1.4 ns Typical Propagation Delay
Maximum Frequency > 275 MHz Typical
LVPECL/LVDS/CML Inputs, LVTTL/LVCMOS Outputs
24 mA TTL outputs
Operating Range: VCC = 3.0 V to 3.6 V with GND = 0 V
The 100 Series Contains Temperature Compensation
VBB Output
These Devices are Pb−Free and are RoHS Compliant
MARKING
DIAGRAMS*
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
M = Date Code
G = Pb−Free Package
KA21
ALYWG
G
SO−8
D SUFFIX
CASE 751
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
KPT21
ALYW
G
1
8
1
8
DFN8
MN SUFFIX
CASE 506AA
(Note: Microdot may be in either location)
3RMG
G
1


Số phần tương tự - MC100EPT21_12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EPT21D ONSEMI-MC100EPT21D Datasheet
66Kb / 4P
   Differential LVPECL to LVTTL Translator
Sep, 1999 ??Rev. 1.0
MC100EPT21D ONSEMI-MC100EPT21D Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21D ONSEMI-MC100EPT21D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EPT21DG ONSEMI-MC100EPT21DG Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21DR2 ONSEMI-MC100EPT21DR2 Datasheet
66Kb / 4P
   Differential LVPECL to LVTTL Translator
Sep, 1999 ??Rev. 1.0
More results

Mô tả tương tự - MC100EPT21_12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
logo
Texas Instruments
SN65EPT23 TI-SN65EPT23 Datasheet
254Kb / 10P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
SN65EPT23 TI-SN65EPT23_10 Datasheet
402Kb / 12P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L_08 Datasheet
48Kb / 5P
   3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
logo
ON Semiconductor
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com