công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10H645FNG bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC10H645FNG
Giải thích chi tiết về linh kiện  TTL Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H645FNG bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC10H645FNG Datasheet HTML 1Page - ON Semiconductor MC10H645FNG Datasheet HTML 2Page - ON Semiconductor MC10H645FNG Datasheet HTML 3Page - ON Semiconductor MC10H645FNG Datasheet HTML 4Page - ON Semiconductor MC10H645FNG Datasheet HTML 5Page - ON Semiconductor MC10H645FNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC10H645
www.onsemi.com
3
Table 4. ABSOLUTE RATINGS (Do not exceed)
Symbol
Characteristic
Value
Unit
VE (ECL)
Power Supply Voltage
−0.5 to +7.0
V
VT (TTL)
Power Supply Voltage
−0.5 to +7.0
V
VI (TTL)
Input Voltage
−0.5 to +7.0
V
Vout
Disabled 3−State Output
0.0 to VT
V
Tstg
Storage Temperature
−65 to 150
°C
Tamb
Operating Temperature
0.0 to +85
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 5. DC CHARACTERISTICS (VT = VE = 5.0 V
±5%)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
IEE
Power Supply Current
ECL
30
30
30
mA
VE Pin
ICCH
TTL
30
30
30
mA
Total all VT pins
ICCL
35
35
35
mA
VOH
Output HIGH Voltage
2.5
2.0
2.5
2.0
2.5
2.0
V
IOH = −3.0 mA
IOH = −15 mA
VOL
Output LOW Voltage
0.5
0.5
0.5
V
IOL = 24 mA
IOS
Output Short Circuit Current
−100
−225
−100
−225
−100
−225
mA
VOUT = 0 V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
Table 6. TTL DC CHARACTERISTICS (VT = VE = 5.0 V
±5%)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
2.0
0.8
2.0
0.8
2.0
0.8
V
IIH
Input HIGH Current
20
100
20
100
20
100
mA
VIN = 2.7 V
VIN = 7.0 V
IIL
Input LOW Current
−0.6
−0.6
−0.6
mA
VIN = 0.5 V
VOH
Output HIGH Voltage
2.5
2.0
2.5
2.0
2.5
2.0
V
IOH = −3.0 mA
IOH = −24 mA
VOL
Output LOW Voltage
0.5
0.5
0.5
V
IOL = 24 mA
VIK
Input Clamp Voltage
−1.2
−1.2
−1.2
V
IIN = −18 mA
IOS
Output Short Circuit Current
−100
−225
−100
−225
−100
−225
mA
VOUT = 0 V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.


Số phần tương tự - MC10H645FNG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H645FNG ONSEMI-MC10H645FNG Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
More results

Mô tả tương tự - MC10H645FNG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
   1:9 TTL CLOCK DRIVER
1996 REV 4
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10H642 ONSEMI-MC10H642_06 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com