công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5233 bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5233
Giải thích chi tiết về linh kiện  DC Motor with Speed and Current Closed Loops, Driven by eTPU on
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5233 bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCF5233 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5233 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5233 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5233 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5233 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5233 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5233 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF5233 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF5233 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
System Concept
DC Motor with Speed and Current Closed Loops, Driven by eTPU on MCF523x, Rev. 0
Freescale Semiconductor
7
3.2
Application Description
A standard system concept is chosen for the motor control function (see Figure 4). The system
incorporates the following hardware:
Evaluation board M523xEVB
33395 evaluation motor board
DC motor with optical, Hall-like sensors
Power supply 9V DC, 2.7Amps
The eTPU module runs the main control algorithm. The 2-phase PWM output signals for a 2-phase inverter
are generated according to feedback signals from optical sensors and the input variable values, provided
by the microprocessor CPU.
Figure 4. System Concept
The system processing is distributed between the CPU and the eTPU, which both run in parallel.
The CPU performs the following tasks:
Periodically scans the user interface (ON/OFF switch, up and down buttons, FreeMASTER).
Based on the user input, it handles the application state machine and calculates the required
speeds, which is passed to the eTPU.
Periodically reads application data from eTPU data RAM in order to monitor application
variables.
In the event of an overcurrent fault, the PWM outputs are immediately temporarily disabled by
the eTPU hardware. Then, after an interrupt latency, the CPU disables the PWM outputs
permanently and displays the fault state.
The eTPU performs the following tasks:
Four eTPU channels (PWMF) are used to generate PWM output signals.
DC
Motor
Drive
eTPU
GPIO
enable/disable
PWM signals
required speed
Application
State Machine
over-current interrupt
ON/OFF
switch
status
data monitoring
Fault LED
CPU
Hardware
9 12V DC
÷
ON/OFF
DOWN
UP
FreeMASTER
Remote Control
RS232
PWM
Signals
Fault
Signal
Status LED
ADC
Trigger
AD Converter
BLDC
motor
Hall Sensor
Signals
Power Stage


Số phần tương tự - MCF5233

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5233 FREESCALE-MCF5233 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5233256MAPBGA FREESCALE-MCF5233256MAPBGA Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5233CVM100 FREESCALE-MCF5233CVM100 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5233CVM100 FREESCALE-MCF5233CVM100 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5233CVM150 FREESCALE-MCF5233CVM150 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
More results

Mô tả tương tự - MCF5233

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TB62207BF TOSHIBA-TB62207BF Datasheet
690Kb / 54P
   Stepping Motor Driver/DC Motor Driver Select, DC-DC Converter and Reset Driven by Chopper Microstep Pseudo Sine Wave
2005/06/13
2SK1746 TOSHIBA-2SK1746 Datasheet
668Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS. DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS.
2SK1602 TOSHIBA-2SK1602 Datasheet
673Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS / DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
logo
NXP Semiconductors
TDA5341 PHILIPS-TDA5341 Datasheet
169Kb / 28P
   Brushless DC motor and VCM drive circuit with speed control
1997 Jul 10
logo
Omron Electronics LLC
3S4YR-MBR OMRON-3S4YR-MBR Datasheet
163Kb / 5P
   Motor Driven Card Reader
logo
ALPS ELECTRIC CO.,LTD.
RK168 ALPS-RK168 Datasheet
284Kb / 5P
   Rotary Motor-driven Type
logo
Omron Electronics LLC
3S4YR-MBR4 OMRON-3S4YR-MBR4 Datasheet
163Kb / 5P
   Motor Driven Card Reader
logo
STMicroelectronics
AN3348 STMICROELECTRONICS-AN3348 Datasheet
81Kb / 10P
   Porting eTPU code to eTPU compiler
logo
Diodes Incorporated
ZXBM5210 DIODES-ZXBM5210 Datasheet
607Kb / 17P
   REVERSIBLE DC MOTOR DRIVE WITH SPEED CONTROL
logo
Toshiba Semiconductor
2SK2230 TOSHIBA-2SK2230 Datasheet
283Kb / 5P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
1996-12-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com