công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM78M05CT bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM78M05CT
Giải thích chi tiết về linh kiện  3-Terminal Positive Voltage Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM78M05CT bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM78M05CT Datasheet HTML 7Page - Texas Instruments LM78M05CT Datasheet HTML 8Page - Texas Instruments LM78M05CT Datasheet HTML 9Page - Texas Instruments LM78M05CT Datasheet HTML 10Page - Texas Instruments LM78M05CT Datasheet HTML 11Page - Texas Instruments LM78M05CT Datasheet HTML 12Page - Texas Instruments LM78M05CT Datasheet HTML 13Page - Texas Instruments LM78M05CT Datasheet HTML 14Page - Texas Instruments LM78M05CT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
28-Oct-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM341T-15
NRND
TO-220
NDE
3
TBD
Call TI
Call TI
-40 to 125
LM341T-15
LM78M15CT
LM341T-15/NOPB
ACTIVE
TO-220
NDE
3
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM341T-15
LM78M15CT
LM341T-5.0
NRND
TO-220
NDE
3
45
TBD
Call TI
Call TI
-40 to 125
LM341T-5.0
LM78M05CT
LM341T-5.0/NOPB
ACTIVE
TO-220
NDE
3
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM341T-5.0
LM78M05CT
LM78M05CDT
NRND
TO-252
NDP
3
75
TBD
Call TI
Call TI
-40 to 125
LM78M05
CDT
LM78M05CDT/NOPB
ACTIVE
TO-252
NDP
3
75
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
LM78M05
CDT
LM78M05CDTX
NRND
TO-252
NDP
3
2500
TBD
Call TI
Call TI
-40 to 125
LM78M05
CDT
LM78M05CDTX/NOPB
ACTIVE
TO-252
NDP
3
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
LM78M05
CDT
LM78M05CH
ACTIVE
TO
NDT
3
500
Green (RoHS
& no Sb/Br)
Call TI
Level-1-NA-UNLIM
-40 to 125
( LM78M05CH ~
LM78M05CH)
LM78M05CH/NOPB
ACTIVE
TO
NDT
3
500
Green (RoHS
& no Sb/Br)
Call TI
Level-1-NA-UNLIM
-40 to 125
( LM78M05CH ~
LM78M05CH)
LM78M05CT
NRND
TO-220
NDE
3
45
TBD
Call TI
Call TI
-40 to 125
LM341T-5.0
LM78M05CT
LM78M05CT/NOPB
ACTIVE
TO-220
NDE
3
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM341T-5.0
LM78M05CT
LM78M15CT/NOPB
ACTIVE
TO-220
NDE
3
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM341T-15
LM78M15CT
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.


Số phần tương tự - LM78M05CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM78M05CT NSC-LM78M05CT Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
logo
Fairchild Semiconductor
LM78M05CT FAIRCHILD-LM78M05CT Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
National Semiconductor ...
LM78M05CT NSC-LM78M05CT Datasheet
240Kb / 7P
   3-Terminal Positive Voltage Regulators
logo
Fairchild Semiconductor
LM78M05CT FAIRCHILD-LM78M05CT Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Texas Instruments
LM78M05CT TI1-LM78M05CT Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
More results

Mô tả tương tự - LM78M05CT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com