công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9331A bảng dữ liệu(PDF) 2 Page - Keysight Technologies

tên linh kiện M9331A
Giải thích chi tiết về linh kiện  Arbitrary Waveform Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9331A bảng dữ liệu(HTML) 2 Page - Keysight Technologies

  M9331A Datasheet HTML 1Page - Keysight Technologies M9331A Datasheet HTML 2Page - Keysight Technologies M9331A Datasheet HTML 3Page - Keysight Technologies M9331A Datasheet HTML 4Page - Keysight Technologies M9331A Datasheet HTML 5Page - Keysight Technologies M9331A Datasheet HTML 6Page - Keysight Technologies M9331A Datasheet HTML 7Page - Keysight Technologies M9331A Datasheet HTML 8Page - Keysight Technologies M9331A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
The M9331A is a wideband arbitrary waveform generator (AWG) capable of creating digitally modulated
waveforms for wideband communication systems. Each channel of the M9331A operates at 1.25 GS/s and
features 10 bits of vertical resolution, which is ideal for compliance testing of digital radios targeted for use
with emerging communicastandards such as MB-OFDM ultra wideband, 802.11n, MIMO, and proprietary
wideband formats.
– 1.25 GS/s and 10 bits of vertical resolution per channel provides wideband waveforms with
exceptionally low EVM
– Dual output channels drive both single-ended and balanced designs without the need for baluns
or hybrids
– Extended memory and advanced sequencing engine allows for extended simulations of complex wave-
form propagation models
– Multiple module synchronization provides multi-emitter simulations suitable for MIMO applications
– Multiple programmatic interfaces enable easy integration into existing test environments
Generate Wide Bandwidth AND Low EVM Signals, Simultaneously
The M9331A is a 4 slot 3U PXI module that offers dual differential output channels to drive both single-
ended and balanced designs. The AWG also supports advanced sequencing and triggering modes to
create event-based signal simulations. Multiple M9331A modules can be synchronized for the generation
of phase-coherent, multi-emitter scenarios. Waveform development tasks are simpliied using the AWG’s
numerous programmatic interfaces including complete instrument control from the MATLAB
® command
line and from LabVIEW. When the M9331A is combined with a wideband I/Q upconverter, modulation band-
widths of 1 GHz can be realized at RF frequencies
for signal simulations employed in functional testing of chip
sets designed for modern digital communications radios.1
Introduction
1. Keysight E8267D PSG signal generator with option 016 wide-
band I/Q inputs.
Extended performance
The M9331A gives designers access to Digital-to-Ana-
log Converter (DAC) technology capable of generating
wideband digital communications signals with ultra-low
EVM. Each module incorporates two high-speed DACs
to create 500 MHz of signal bandwidth and ≤ –50 dBc
SFDR across each channel. Users have the choice of
driving their designs differentially from the DAC outputs
or through multiple signal-conditioning paths. Although
some AWGs require users to make a trade-off between
the number of output channels and differential outputs,
the M9331A provides both–allowing you to drive your
designs and eliminating the need for baluns or hybrids
in the test path. In addition, each channel can output
waveforms as an IF or as a baseband signal for
I/Q upconversion.
2.9% EVM
-1.2 -1.0
-0.8 -0.6
-0.2
-0.4
0.0 0.2
0.4
0.6
0.8
1.0
1.2
Index (5124.000 to 10247.000)
Data
Figure 1b. Create UWB reference waveforms with low EVM.
Figure 1a. Generate MB-OFDM compliant UWB waveforms.


Số phần tương tự - M9331A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9336A KEYSIGHT-M9336A Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M9336A-001 KEYSIGHT-M9336A-001 Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M9336A-B12 KEYSIGHT-M9336A-B12 Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M9336A-B50 KEYSIGHT-M9336A-B50 Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
More results

Mô tả tương tự - M9331A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
   Arbitrary Waveform Generator
logo
Keysight Technologies
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
   Arbitrary Waveform Generator
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
   Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
   Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
DG4000 ETC-DG4000 Datasheet
2Mb / 10P
   Function/Arbitrary Waveform Generator
November 2015
logo
Keysight Technologies
M8195S KEYSIGHT-M8195S Datasheet
3Mb / 22P
   GSa/s Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33220A HP-33220A Datasheet
216Kb / 5P
   20 MHz Function/Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com