công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9331A bảng dữ liệu(PDF) 4 Page - Keysight Technologies

tên linh kiện M9331A
Giải thích chi tiết về linh kiện  Arbitrary Waveform Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9331A bảng dữ liệu(HTML) 4 Page - Keysight Technologies

  M9331A Datasheet HTML 1Page - Keysight Technologies M9331A Datasheet HTML 2Page - Keysight Technologies M9331A Datasheet HTML 3Page - Keysight Technologies M9331A Datasheet HTML 4Page - Keysight Technologies M9331A Datasheet HTML 5Page - Keysight Technologies M9331A Datasheet HTML 6Page - Keysight Technologies M9331A Datasheet HTML 7Page - Keysight Technologies M9331A Datasheet HTML 8Page - Keysight Technologies M9331A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
04 Keysight M9331A Arbitrary Waveform Generator Brochure
Figure 4. Four M9331A modules fit conveniently inside an 18 slot
PXI chassis.
Figure 5. Directly import and play waveforms from the Quick Play
menu.
Figure 6. Play waveforms files directly from the MATLAB command line.
System stability
Create phase-coherent, multiemitter simulations using the
M9331A’s precision SYNC clock. A single M9331A can drive
a total of eight AWG modules to synchronize their outputs on
a sample-by-samplebasis. Any number modules can be syn-
chronized with simple driver hardware. The AWG also includes
multiple front-panel trigger and markers for complete system
synchronization.
Ease-of-use
The M9331A’s graphical user interface guides developers through
module setup and waveform file transfers. Users can quickly
configure the instrument’s signal conditioning paths, marker and
trigger lines, sample and reference clock sources and simple
sequencing functions. More sophisticated sequencing functions
are available through the instrument’s numerous programmatic
interfaces. The M9331A supports interfaces for MATLAB
®,
LabView, IVI-C, IVI-COM, and VEE framework.


Số phần tương tự - M9331A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9336A KEYSIGHT-M9336A Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M9336A-001 KEYSIGHT-M9336A-001 Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M9336A-B12 KEYSIGHT-M9336A-B12 Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M9336A-B50 KEYSIGHT-M9336A-B50 Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
More results

Mô tả tương tự - M9331A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
   Arbitrary Waveform Generator
logo
Keysight Technologies
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
   Arbitrary Waveform Generator
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
   Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
   Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
DG4000 ETC-DG4000 Datasheet
2Mb / 10P
   Function/Arbitrary Waveform Generator
November 2015
logo
Keysight Technologies
M8195S KEYSIGHT-M8195S Datasheet
3Mb / 22P
   GSa/s Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33220A HP-33220A Datasheet
216Kb / 5P
   20 MHz Function/Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com