công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9330A bảng dữ liệu(PDF) 7 Page - Keysight Technologies

tên linh kiện M9330A
Giải thích chi tiết về linh kiện  Arbitrary Waveform Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9330A bảng dữ liệu(HTML) 7 Page - Keysight Technologies

Back Button M9330A Datasheet HTML 3Page - Keysight Technologies M9330A Datasheet HTML 4Page - Keysight Technologies M9330A Datasheet HTML 5Page - Keysight Technologies M9330A Datasheet HTML 6Page - Keysight Technologies M9330A Datasheet HTML 7Page - Keysight Technologies M9330A Datasheet HTML 8Page - Keysight Technologies M9330A Datasheet HTML 9Page - Keysight Technologies M9330A Datasheet HTML 10Page - Keysight Technologies M9330A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
07
Keysight M9330A Arbitrary Waveform Generator
KEY CHARACTERISTICS CONTINUED
Sample clock
Internal
Fixed 1.25 GS/s
Internal clock output
+3 dBm nominal
External clock input
Tunable 100 MS/s to 1.25 GS/s
External clock input drive level
+5 to –15 dBm typical
Phase noise characteristics
1 kHz: –95 dBc/Hz
10 kHz: –115 dBc/Hz
100 kHz: –138 dBc/Hz
1 MHz: –150 dBc/Hz
Noise floor
–150 dBc/Hz
Accuracy
Same as 10 MHz timebase input
Frequency reference
Input drive level
+2 to +12 dBm into 50 Ω (+2 dBm nominal)
Waveform length
8 MS per channel (16 MS with option 016)
Minimum waveform length
128 samples
Waveform granularity
8 samples
Segment
1 to 32 k unique segments can be defined consisting of waveform start and stop address, repetitions, and marker enable flags.
Segment loops
A total of 1 million (220) loops can be defined
for each segment. Loops can be configured to
advance in one of three modes:
Single
– The segment loop plays once and waits at the end of the loop for a trigger.
Continuous
– Segment loop is repeated continuously until a trigger is received.
Auto
– Automatically advances to the next segment after completing the specified number of loop
repetitions.
Repeat
– The waveform loop repeats until the number of wave form loop repetitions is met.
Sequences
Up to 32 k total unique waveform sequences can be defined. A sequence is a contiguous series of waveform segments.
Advanced sequencing
Enables users to build and playback scenarios, which are comprised of one or more sequences.
Scenarios
1 to 16 k pointers can be assigned to play pre-defined sequences. Sequence play begins with the first sequence entry and continues uninterrupted until
the last entry is played. The table repeats until stopped.


Số phần tương tự - M9330A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
M9336A KEYSIGHT-M9336A Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M9336A-001 KEYSIGHT-M9336A-001 Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M9336A-B12 KEYSIGHT-M9336A-B12 Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
M9336A-B50 KEYSIGHT-M9336A-B50 Datasheet
6Mb / 25P
   M9336A PXIe I/Q Arbitrary Waveform Generator
More results

Mô tả tương tự - M9330A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
   Arbitrary Waveform Generator
logo
Keysight Technologies
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
   Arbitrary Waveform Generator
M8190A KEYSIGHT-M8190A Datasheet
8Mb / 41P
   Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
   Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
DG4000 ETC-DG4000 Datasheet
2Mb / 10P
   Function/Arbitrary Waveform Generator
November 2015
logo
Keysight Technologies
M8195S KEYSIGHT-M8195S Datasheet
3Mb / 22P
   GSa/s Arbitrary Waveform Generator
logo
Agilent(Hewlett-Packard...
33220A HP-33220A Datasheet
216Kb / 5P
   20 MHz Function/Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com