công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM158H bảng dữ liệu(PDF) 5 Page - National Semiconductor (TI) |
|
|
LM158H bảng dữ liệu(HTML) 5 Page - National Semiconductor (TI) |
5 / 25 page Electrical Characteristics (Continued) V + = +5.0V, (Note 4), unless otherwise stated Parameter Conditions LM358 LM2904 Units Min Typ Max Min Typ Max Large Signal Voltage V + = +15V 15 15 V/mV Gain (V O = 1V to 11V) R L ≥ 2kΩ Output V OH V + = +30V R L =2 k Ω 26 22 V Voltage (LM2904, V + = 26V) R L =10 k Ω 27 28 23 24 V Swing V OL V + = 5V, R L =10 k Ω 5 20 5 100 mV Output Current Source V IN + = +1V, V IN − = 0V, 10 20 10 20 mA V + = 15V, V O =2V Sink V IN − = +1V, V IN + = 0V, 58 58 mA V + = 15V, V O =2V Note 1: For operating at high temperatures, the LM358/LM358A, LM2904 must be derated based on a +125˚C maximum junction temperature and a thermal resistance of 120˚C/W for MDIP, 182˚C/W for Metal Can, 189˚C/W for Small Outline package, and 230˚C/W for micro SMD, which applies for the device soldered in a printed circuit board, operating in a still air ambient. The LM258/LM258A and LM158/LM158A can be derated based on a +150˚C maximum junction temperature. The dissipation is the total of both amplifiers — use external resistors, where possible, to allow the amplifier to saturate or to reduce the power which is dissipated in the integrated circuit. Note 2: Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short cirucits to ground, the maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15V, continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result from simultaneous shorts on all amplifiers. Note 3: This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the op amps to go to the V+voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than −0.3V (at 25˚C). Note 4: These specifications are limited to −55˚C ≤ TA ≤ +125˚C for the LM158/LM158A. With the LM258/LM258A, all temperature specifications are limited to −25˚C ≤ TA ≤ +85˚C, the LM358/LM358A temperature specifications are limited to 0˚C ≤ TA ≤ +70˚C, and the LM2904 specifications are limited to −40˚C ≤ TA ≤ +85˚C. Note 5: VO . 1.4V, RS =0Ω with V + from 5V to 30V; and over the full input common-mode range (0V to V+ −1.5V) at 25˚C. For LM2904, V+ from 5V to 26V. Note 6: The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the outputso no loading change exists on the input lines. Note 7: The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25˚C). The upper end of the common-mode voltage range is V+ −1.5V (at 25˚C), but either or both inputs can go to +32V without damage (+26V for LM2904), independent of the magnitude of V+. Note 8: Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This typically can be detected as this type of capacitance increases at higher frequencies. Note 9: Refer to RETS158AX for LM158A military specifications and to RETS158X for LM158 military specifications. Note 10: Human body model, 1.5 k Ω in series with 100 pF. www.national.com 5 |
Số phần tương tự - LM158H |
|
Mô tả tương tự - LM158H |