công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA2903YFV-CE2 bảng dữ liệu(PDF) 1 Page - Rohm

tên linh kiện BA2903YFV-CE2
Giải thích chi tiết về linh kiện  Automotive Ground Sense Comparators
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BA2903YFV-CE2 bảng dữ liệu(HTML) 1 Page - Rohm

  BA2903YFV-CE2 Datasheet HTML 1Page - Rohm BA2903YFV-CE2 Datasheet HTML 2Page - Rohm BA2903YFV-CE2 Datasheet HTML 3Page - Rohm BA2903YFV-CE2 Datasheet HTML 4Page - Rohm BA2903YFV-CE2 Datasheet HTML 5Page - Rohm BA2903YFV-CE2 Datasheet HTML 6Page - Rohm BA2903YFV-CE2 Datasheet HTML 7Page - Rohm BA2903YFV-CE2 Datasheet HTML 8Page - Rohm BA2903YFV-CE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RFR1G200120-1-2
TSZ22111・14・001
1/30
29.Sep.2015 Rev.005
Comparator series
Automotive
Ground Sense Comparators
BA2903Yxxx-C, BA2901Yxx-C
●General Description
BA2903Yxxx-C/BA2901Yxx-C, integrate two or four
independent high gain voltage comparator.
Some features are the wide operating voltage that is
2V to 36V and low supply current. BA2903Yxxx-C,
BA2901Yxx-C
are
manufactured
for
automotive
requirements of engine control unit, electric power
steering, antilock brake system, etc.
●Features
 AEC-Q100 Qualified
(Note 1)
 Single or dual supply operation
 Wide operating supply voltage
 Standard comparator Pin-assignments
 Common-mode Input Voltage Range includes ground
level, allowing direct ground sensing
 Internal ESD protection circuit
 Wide temperature range
(Note1: Grade1)
●Key Specifications
 Operating supply voltage
single supply :
+2.0V to +36V
split supply :
±1.0V to ±18V
 Supply current
BA2903Yxxx-C
0.6mA(Typ.)
BA2901Yxx-C
0.8mA(Typ.)
 Input bias current :
50nA(Typ.)
 Input offset current :
5nA(Typ.)
 Operating temperature range :
-40℃ to +125℃
●Special Characteristics
 Input Offset Voltage
-40°C to 125°C:
5mV (Max.)
●Packages
W(Typ.) x D(Typ.) x H(Max.)
SOP8
5.00mm x 6.20mm x 1.71mm
SOP14
8.70mm x 6.20mm x 1.71mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
MSOP8
2.90mm x 4.00mm x 0.90mm
●Application
 Engine Control Unit
 Electric Power Steering (EPS)
 Anti-Lock Brake System (ABS)
 Automotive electronics
●Selection Guide
●Simplified schematic
○Product structure:Silicon monolithic integrated circuit ○This product has not designed protection against radioactive rays.
Figure 1. Simplified schematic (one channel only)
+IN
-IN
OUT
VCC
VEE
Automotive
Quad
Dual
0.8mA
0.6mA
Supply Current
BA2903YF-C
BA2903YFV-C
BA2903YFVM-C
BA2901YF-C
BA2901YFV-C
+125℃
Maximum Operating Temperature
Datasheet


Số phần tương tự - BA2903YFV-CE2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA2903YFV-CE2 ROHM-BA2903YFV-CE2 Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-CE2 ROHM-BA2903YFV-CE2 Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
More results

Mô tả tương tự - BA2903YFV-CE2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com