công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA2903YF-CE2 bảng dữ liệu(PDF) 4 Page - Rohm

tên linh kiện BA2903YF-CE2
Giải thích chi tiết về linh kiện  Automotive Ground Sense Comparators
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BA2903YF-CE2 bảng dữ liệu(HTML) 4 Page - Rohm

  BA2903YF-CE2 Datasheet HTML 1Page - Rohm BA2903YF-CE2 Datasheet HTML 2Page - Rohm BA2903YF-CE2 Datasheet HTML 3Page - Rohm BA2903YF-CE2 Datasheet HTML 4Page - Rohm BA2903YF-CE2 Datasheet HTML 5Page - Rohm BA2903YF-CE2 Datasheet HTML 6Page - Rohm BA2903YF-CE2 Datasheet HTML 7Page - Rohm BA2903YF-CE2 Datasheet HTML 8Page - Rohm BA2903YF-CE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RFR1G200120-1-2
TSZ22111・15・001
4/30
29.Sep.2015 Rev.005
BA2903Yxxx-C, BA2901Yxx-C
Datasheet
●Electrical Characteristics
○BA2903Yxxx-C (Unless otherwise specified VCC=+5V, VEE=0V)
Parameter
Symbol
Temperature
range
Limits
Unit
Conditions
Min.
Typ.
Max.
Input Offset Voltage
*9
Vio
25℃
-
2
4
mV
OUT=1.4V
Full range
-
-
5
VCC=5 to 36V, OUT=1.4V
Input Offset Current
*9
Iio
25℃
-
5
40
nA
OUT=1.4V
Full range
-
-
50
Input Bias Current
*9
Ib
25℃
-
50
250
nA
OUT=1.4V
Full range
-
-
275
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Full range
0
-
VCC-2.0
Large Signal Voltage Gain
Av
25℃
88
100
-
dB
VCC=15V, OUT=1.4 to 11.4V
RL=15k
Ω, VRL=15V
Full range
74
-
-
Supply Current
ICC
25℃
-
0.6
1
mA
OUT=open
Full range
-
-
2.5
OUT=open, VCC=36V
Output Sink Current
*10
Isink
25℃
6
16
-
mA +IN=0V, -IN=1V, VOL=1.5V
Output Saturation Voltage
(Low level output voltage)
VOL
25℃
-
150
400
mV
+IN=0V, -IN=1V,
Isink=4mA
Full range
-
-
700
Output Leakage Current
(High level output current)
Ileak
25℃
-
0.1
-
nA
+IN=1V, -IN=0V, VOH=5V
Full range
-
-
1
μA +IN=1V, -IN=0V, VOH=36V
Response Time
Tre
25℃
-
1.3
-
μs
RL=5.1k
Ω, VRL=5V
IN=100mVP-P, overdrive=5mV
-
0.4
-
RL=5.1k
Ω, VRL=5V, IN=TTL
Logic Swing, VREF=1.4V
Operable Frequency
Fopr
25℃
100
-
-
kHz
VCC=5V, RL=2k
Ω, +IN=1.5V, -IN=5Vp-p
(Duty 50% Rectangular Pulse)
*9
Absolute value
*10 Please determine the output current value in consideration of the power dissipation of the IC under high temperature environment.
When the output terminal is continuously shorted, output current may be reduced by the temperature rise of the IC.
○BA2901Yxx-C (Unless otherwise specified VCC=+5V, VEE=0V)
Parameter
Symbol
Temperature
range
Limits
Unit
Conditions
Min.
Typ.
Max.
Input Offset Voltage
*11
Vio
25℃
-
2
4
mV
OUT=1.4V
Full range
-
-
5
VCC=5 to 36V, OUT=1.4V
Input Offset Current
*11
Iio
25℃
-
5
40
nA
OUT=1.4V
Full range
-
-
50
Input Bias Current
*11
Ib
25℃
-
50
250
nA
OUT=1.4V
Full range
-
-
275
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Full range
0
-
VCC-2.0
Large Signal Voltage Gain
Av
25℃
88
100
-
dB
VCC=15V, OUT=1.4 to 11.4V
RL=15k
Ω, VRL=15V
Full range
74
-
-
Supply Current
ICC
25℃
-
0.8
2
mA
OUT=open
Full range
-
-
2.5
OUT=open, VCC=36V
Output Sink Current
*12
Isink
25℃
6
16
-
mA +IN=0V, -IN=1V, VOL=1.5V
Output Saturation Voltage
(Low level output voltage)
VOL
25℃
-
150
400
mV
+IN=0V, -IN=1V,
Isink=4mA
Full range
-
-
700
Output Leakage Current
(High level output current)
Ileak
25℃
-
0.1
-
nA
+IN=1V, -IN=0V, VOH=5V
Full range
-
-
1
μA +IN=1V, -IN=0V, VOH=36V
Response Time
Tre
25℃
-
1.3
-
μs
RL=5.1k
Ω, VRL=5V
IN=100mVP-P, overdrive=5mV
-
0.4
-
RL=5.1k
Ω, VRL=5V, IN=TTL
Logic Swing, VREF=1.4V
Operable Frequency
Fopr
25℃
100
-
-
kHz
VCC=5V, RL=2k
Ω, +IN=1.5V, -IN=5Vp-p
(Duty 50% Rectangular Pulse)
*11 Absolute value
*12 Please determine the output current value in consideration of the power dissipation of the IC under high temperature environment.
When the output terminal is continuously shorted, output current may be reduced by the temperature rise of the IC.


Số phần tương tự - BA2903YF-CE2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
More results

Mô tả tương tự - BA2903YF-CE2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com