công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

J031-57179-PKG10 bảng dữ liệu(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

tên linh kiện J031-57179-PKG10
Giải thích chi tiết về linh kiện  VG95234 Qualified Circular Waterproof Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JAE [Japan Aviation Electronics Industry, Ltd.]
Trang chủ  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

J031-57179-PKG10 bảng dữ liệu(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  J031-57179-PKG10 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. J031-57179-PKG10 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. J031-57179-PKG10 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. J031-57179-PKG10 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. J031-57179-PKG10 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. J031-57179-PKG10 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. J031-57179-PKG10 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. J031-57179-PKG10 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. J031-57179-PKG10 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MB-0285-3
5/10
JAE Connector 2nd Sales Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
Ordering Information
Type
Part Number
Drawing
Number
Applicable
Conductor
Cross-sectional
Area
18
10
Panel Mount
Receptacle
JK06AF10PN1
Pin
N
SJ116182
1.25mm2~2.0mm2
JK06AF10PW1
W
JK06AF10PX1
X
JK06AF10PY1
Y
JK06AF10PZ1
Z
Plug
JK06DF10SN1
Socket
N
SJ116183
1.25mm2~2.0mm2
JK06DF10SW1
W
JK06DF10SX1
X
JK06DF10SY1
Y
JK06DF10SZ1
Z
Plug
(Short-type
Endbell)
JK06DF10SN2
Socket
N
SJ116184
1.25mm2~2.0mm2
JK06DF10SW2
W
JK06DF10SX2
X
JK06DF10SY2
Y
JK06DF10SZ2
Z
28
37
Panel Mount
Receptacle
JK06AK37PN1
Pin
N
SJ114014
1.25mm2~2.0mm2
JK06AK37PW1
W
JK06AK37PX1
X
JK06AK37PY1
Y
JK06AK37PZ1
Z
In-line
Receptacle
JK06KK37PN1
Pin
N
SJ116272
1.25mm2~2.0mm2
JK06KK37PW1
W
JK06KK37PX1
X
JK06KK37PY1
Y
JK06KK37PZ1
Z
Plug
JK06DK37SN1
Socket
N
SJ114015
1.25mm2~2.0mm2
JK06DK37SW1
W
JK06DK37SX1
X
JK06DK37SY1
Y
JK06DK37SZ1
Z
JK06DK37SN2
Socket
N
SJ115734
1.5mm2~2.5mm2
JK06DK37SW2
W
JK06DK37SX2
X
JK06DK37SY2
Y
JK06DK37SZ2
Z


Mô tả tương tự - J031-57179-PKG10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Assmann Electronics Inc...
A-CR-04PMMP-LC-WP ASSMANN-A-CR-04PMMP-LC-WP Datasheet
48Kb / 1P
   Waterproof Circular connector
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Assmann Electronics Inc...
A-CR-04PMMS-LC-WP-R ASSMANN-A-CR-04PMMS-LC-WP-R Datasheet
260Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
A-CR-05PMMS-LC-WP-R ASSMANN-A-CR-05PMMS-LC-WP-R Datasheet
260Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
A-CR-03PMMS-LC-WP-R ASSMANN-A-CR-03PMMS-LC-WP-R Datasheet
257Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
A-CR-03PMMP-LC-WP-R ASSMANN-A-CR-03PMMP-LC-WP-R Datasheet
261Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) SOLDER TYPE, PANEL MOUNT
A-CR-04BFFA-L180-WP-R ASSMANN-A-CR-04BFFA-L180-WP-R Datasheet
252Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-05BMMA-L180-WP-R ASSMANN-A-CR-05BMMA-L180-WP-R Datasheet
253Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com