công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM3 bảng dữ liệu(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

tên linh kiện SM3
Giải thích chi tiết về linh kiện  PCI-SIG M.2 Specification Compatible Card Edge Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JAE [Japan Aviation Electronics Industry, Ltd.]
Trang chủ  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SM3 bảng dữ liệu(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  SM3 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. SM3 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MB-0261-4
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
2/16
SM3 Z S 067 U 310 ***R****
Component
Material / Finish
Hold-down
Copper alloy / Sn plating over Ni
Upper Contact
Contact area: Copper alloy / Au plating over Ni
Terminal area: Copper alloy / Au flash plating over Ni
Lower Contact
Contact area: Copper alloy / Au plating over Ni
Terminal area: Copper alloy / Au flash plating over Ni
Insulator
Heat resistant plastic
■Card Edge Connector
Series
Z: Low Insertion
Force Type
S: Standard Mounting Type
No. of Contacts
U: On-board Mounting Type
B: Sunk-into-the-board Type
Product Height
120: 1.20mm
215: 2.15mm
310: 3.10mm
410: 4.10mm
Contact Area Finish
A: Au 0.13
m min.
B: Au 0.25
m min.
Polarizing Key: A / B / E / M
Materials and Finishes
Ordering Information
■No. of Contacts: 67 positions
■Contact Resistance: 55m
 max.
■Dielectric Withstanding Voltage:
AC300Vr.m.s for 1 minute
■Operating Temperature:
-40 Deg. C ~ +80 Deg. C
General Specifications
■Rated Current: 0.5A per pin
■Insulation Resistance: 500M
 min. (initial)
■Mating Cycles: 60 times
Reeled Quantity
Modification Code
■Card Edge Connector


Số phần tương tự - SM3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Connor-Winfield Corpora...
SM3 CONNOR-WINFIELD-SM3 Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
logo
List of Unclassifed Man...
SM3 ETC-SM3 Datasheet
800Kb / 5P
   SM Solenoids
18/8/15
logo
Connor-Winfield Corpora...
SM3-012.96M CONNOR-WINFIELD-SM3-012.96M Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-019.44M CONNOR-WINFIELD-SM3-019.44M Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-025.92M CONNOR-WINFIELD-SM3-025.92M Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
More results

Mô tả tương tự - SM3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
PCE-1M2-PX4 TRIPPLITE-PCE-1M2-PX4 Datasheet
175Kb / 2P
   M.2 NGFF PCIe SSD (M-Key) PCI Express (x4) Card
logo
Japan Aviation Electron...
NT4R1600 JAE-NT4R1600 Datasheet
579Kb / 10P
   Compatible With PCI Express Mini Card
MM60 JAE-MM60 Datasheet
460Kb / 6P
   Compatible with PCI Express Mini Card
logo
List of Unclassifed Man...
WD2F144WB1 ETC2-WD2F144WB1 Datasheet
799Kb / 6P
   Docking Connector Compatible with PCI Express
logo
Fujitsu Component Limit...
MB86295S FUJITSU-MB86295S Datasheet
1Mb / 310P
   PCI Graphics Controller Specification
MB86296 FUJITSU-MB86296 Datasheet
3Mb / 352P
   PCI Graphics Controller Specification
logo
Adam Technologies, Inc.
PCIE-36-1 ADAM-TECH-PCIE-36-1 Datasheet
183Kb / 2P
   PCI & MINI PCI EXPRESS 1.00mm & 0.8mm CARD EDGE CONNECTOR
logo
Axiomtek Co., Ltd.
CAPA841 AXIOMTEK-CAPA841_14 Datasheet
660Kb / 1P
   2 PCI Express Mini Card
logo
Protech Systems Co., Lt...
PCI-471LF PROTECHSYSTEMS-PCI-471LF Datasheet
326Kb / 2P
   PCI ULV Celeron M CPU Card
logo
Hamamatsu Corporation
M8784 HAMAMATSU-M8784 Datasheet
67Kb / 2P
   PCI BUS COMPATIBLE COUNTING BOARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com