công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10H351FNG bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC10H351FNG
Giải thích chi tiết về linh kiện  Quad TTL/NMOS to PECL Translator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H351FNG bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC10H351FNG Datasheet HTML 1Page - ON Semiconductor MC10H351FNG Datasheet HTML 2Page - ON Semiconductor MC10H351FNG Datasheet HTML 3Page - ON Semiconductor MC10H351FNG Datasheet HTML 4Page - ON Semiconductor MC10H351FNG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 9
1
Publication Order Number:
MC10H351/D
MC10H351
Quad TTL/NMOS to PECL*
Translator
Description
The MC10H351 is a quad translator for interfacing data between a
saturated logic section and the PECL section of digital systems when
only a +5.0 Vdc power supply is available. The MC10H351 has
TTL/NMOS compatible inputs and PECL complementary
open-emitter outputs that allow use as an inverting/non-inverting
translator or as a differential line driver. When the common strobe
input is at a low logic level, it forces all true outputs to the PECL low
logic state (
≈ +3.2 V) and all inverting outputs to the PECL high logic
state (
≈ +4.1 V).
The MC10H351 can also be used with the MC10H350 to transmit
and receive TTL/NMOS information differentially via balanced
twisted pair lines.
Features
Single +5.0 Power Supply
All VCC Pins Isolated On Chip
Differentially Drive Balanced Lines
tpd = 1.3 nsec Typical
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING DIAGRAMS*
www.onsemi.com
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
PLCC−20
FN SUFFIX
CASE 775−02
20 1
10H351G
AWLYYWW
120
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ORDERING INFORMATION
Device
Package
Shipping
MC10H351FNG
PLCC−20
(Pb-Free)
46 Units/Tube
MC10H351FNR2G
PLCC−20
(Pb-Free)
500/Tape & Reel
*For additional marking information, refer to
Application Note AND8002/D.


Số phần tương tự - MC10H351FNG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H351 ONSEMI-MC10H351 Datasheet
101Kb / 4P
   Quad TTL/NMOS to PECL Translator
1996 REV 5
More results

Mô tả tương tự - MC10H351FNG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H351 ONSEMI-MC10H351 Datasheet
101Kb / 4P
   Quad TTL/NMOS to PECL Translator
1996 REV 5
logo
Micrel Semiconductor
SY10H351 MICREL-SY10H351_06 Datasheet
59Kb / 5P
   QUAD TTL/NMOS-to-PECL TRANSLATOR
SY10H351 MICREL-SY10H351 Datasheet
60Kb / 4P
   QUAD TTL/NMOS-to-PECL TRANSLATOR
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com