công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC10H350 bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
MC10H350 bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 6 page MC10H350 www.onsemi.com 2 Figure 1. Logic Diagram Figure 2. Dip Pin Assignment ECL VCC AOUT AIN AIN BIN BIN BOUT GND TTL VCC COUT CIN CIN DIN DIN DOUT OE 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 VCC (+5.0 VDC) = PINS 1 AND 16 GND = PIN 8 (DIP) 15 14 13 10 12 11 7 6 5 2 4 3 9 Pin assignment is for Dual-in-Line Package. MC10H350 120 Figure 3. PLCC−20 Pin Assignment AIN AIN BIN BIN CIN CIN DIN DIN 2 3 4 5 6 7 8 9 1011 1213 18 17 16 15 14 19 NC NC Table 1. MAXIMUM RATINGS Symbol Characteristic Rating Unit VCC Power Supply (VEE = GND) 7.0 Vdc TA Operating Temperature Range 0 to +75 °C Tstg Storage Temperature Range − Plastic −55 to +150 °C Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. |
Số phần tương tự - MC10H350_16 |
|
Mô tả tương tự - MC10H350_16 |