công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10H141 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC10H141
Giải thích chi tiết về linh kiện  Four?륛it Universal Shift Register
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H141 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC10H141_16 Datasheet HTML 1Page - ON Semiconductor MC10H141_16 Datasheet HTML 2Page - ON Semiconductor MC10H141_16 Datasheet HTML 3Page - ON Semiconductor MC10H141_16 Datasheet HTML 4Page - ON Semiconductor MC10H141_16 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10H141
www.onsemi.com
2
Table 2. MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
−8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current
− Continuous
− Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range
− Plastic
− Ceramic
−55 to +150
−55 to +165
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 3. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5% (Note 1)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
112
102
112
mA
IinH
Input Current High
Pins 5,6,9,11,12,13
Pins 7,10
Pin 4
405
416
510
255
260
320
255
260
320
mA
IinL
Input Current Low
0.5
0.5
0.3
mA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
1. Each MECL 10H™ series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is
maintained. Outputs are terminated through a 50 W resistor to −2.0 V.
Table 4. AC PARAMETERS
tpd
Propagation Delay
1.0
2.0
1.0
2.0
1.1
2.1
ns
thold
Hold Time
Data, Select
1.0
1.0
1.0
ns
tset
Set−up Time
Data
Select
1.5
3.0
1.5
3.0
1.5
3.0
ns
tr
Rise Time
0.5
2.4
0.5
2.4
0.5
2.4
ns
tf
Fall Time
0.5
2.4
0.5
2.4
0.5
2.4
ns
fshift
Shift Frequency
250
250
250
MHz
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Số phần tương tự - MC10H141_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H141FN ONSEMI-MC10H141FN Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
MC10H141FNG ONSEMI-MC10H141FNG Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
MC10H141FNR2 ONSEMI-MC10H141FNR2 Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
MC10H141FNR2G ONSEMI-MC10H141FNR2G Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
MC10H141L ONSEMI-MC10H141L Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
More results

Mô tả tương tự - MC10H141_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H141 ONSEMI-MC10H141 Datasheet
109Kb / 4P
   Four-Bit Universal Shift Register
1996 REV 6
MC10141 ONSEMI-MC10141 Datasheet
123Kb / 6P
   Four Bit Universal Shift Register
1996 REV 5
MC10H141 ONSEMI-MC10H141_06 Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
MC10141 ONSEMI-MC10141_02 Datasheet
122Kb / 8P
   Four Bit Universal Shift Register
January, 2002 ??Rev. 7
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
logo
Motorola, Inc
SN54LS195A MOTOROLA-SN54LS195A Datasheet
220Kb / 6P
   UNIVERSAL 4-BIT SHIFT REGISTER
logo
NXP Semiconductors
HEF40195B PHILIPS-HEF40195B Datasheet
77Kb / 8P
   4-bit universal shift register
January 1995
logo
National Semiconductor ...
93L00 NSC-93L00 Datasheet
113Kb / 8P
   4-Bit Universal Shift Register
logo
NXP Semiconductors
HEF4035B PHILIPS-HEF4035B Datasheet
98Kb / 8P
   4-bit universal shift register
January 1995
logo
List of Unclassifed Man...
4035B ETC1-4035B Datasheet
149Kb / 3P
   4-BIT UNIVERSAL SHIFT REGISTER
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com