công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC10H124FNR2G bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC10H124FNR2G
Giải thích chi tiết về linh kiện  Quad TTL?릘o?륪ECL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H124FNR2G bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC10H124FNR2G Datasheet HTML 1Page - ON Semiconductor MC10H124FNR2G Datasheet HTML 2Page - ON Semiconductor MC10H124FNR2G Datasheet HTML 3Page - ON Semiconductor MC10H124FNR2G Datasheet HTML 4Page - ON Semiconductor MC10H124FNR2G Datasheet HTML 5Page - ON Semiconductor MC10H124FNR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 12
1
Publication Order Number:
MC10H124/D
MC10H124
Quad TTL‐to‐MECL
Translator With
TTL Strobe Input
Description
The MC10H124 is a quad translator for interfacing data and control
signals between a saturated logic section and the MECL section of
digital systems. The 10H part is a functional/pinout duplication of the
standard MECL 10K
™ family part, with 100% improvement in
propagation delay, and no increase in power-supply current.
Features
Propagation Delay, 1.5 ns Typical
Improved Noise Margin 150 mV
(Over Operating Voltage and Temperature Range)
Voltage Compensated
MECL 10K Compatible
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
Figure 1. Logic Diagram
GND = PIN 16
VCC ( +5.0 VDC) = PIN 9
VEE ( -5.2 VDC) = PIN 8
11
13
14
10
12
15
7
3
1
6
5
4
2
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648−08
www.onsemi.com
16
1
16
1
MC10H124P
AWLYYWWG
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb-Free Package
PLLC−20
FN SUFFIX
CASE 775−02
20 1
10H124G
AWLYYWW
120
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ORDERING INFORMATION
Device
Package
Shipping
MC10H124FNG
PLCC−20
(Pb-Free)
46 Units/Tube
MC10H124FNR2G
PLCC−20
(Pb-Free)
500/Tape & Reel
PDIP−16
(Pb-Free)
MC10H124PG
25 Units/Tube
*For additional marking information, refer to
Application Note AND8002/D.


Số phần tương tự - MC10H124FNR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H124FNR2 ONSEMI-MC10H124FNR2 Datasheet
79Kb / 6P
   Quad TTL-to-MECL Translator With TTL Strobe Input
September, 2004 ??Rev. 8
More results

Mô tả tương tự - MC10H124FNR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125_16 Datasheet
149Kb / 6P
   Quad MECL?릘o?륳TL Translator
August, 2016 ??Rev. 14
logo
Motorola, Inc
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
   Quad TTL-to-MECL Translator
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125 Datasheet
78Kb / 8P
   Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
MC10125 ONSEMI-MC10125 Datasheet
118Kb / 8P
   Quad MECL to TTL Translator
January, 2002 ??Rev. 7
MC10124 ONSEMI-MC10124 Datasheet
125Kb / 7P
   Quad TTL to MECL Translator
1996 REV 5
logo
NXP Semiconductors
10129 PHILIPS-10129 Datasheet
412Kb / 9P
   Quad TTL-to-ECL Translator
June 14 1990
logo
ON Semiconductor
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
   Quad MECL-to-TTL Translator
logo
ON Semiconductor
MC10H351 ONSEMI-MC10H351_16 Datasheet
128Kb / 5P
   Quad TTL/NMOS to PECL Translator
August, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY10H351 MICREL-SY10H351_06 Datasheet
59Kb / 5P
   QUAD TTL/NMOS-to-PECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com